Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9116WS8I-2.7 Datasheet(PDF) 10 Page - Xicor Inc.

Part # X9116WS8I-2.7
Description  Digitally Controlled Potentiometer (XDCP)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9116WS8I-2.7 Datasheet(HTML) 10 Page - Xicor Inc.

Back Button X9116WS8I-2.7 Datasheet HTML 3Page - Xicor Inc. X9116WS8I-2.7 Datasheet HTML 4Page - Xicor Inc. X9116WS8I-2.7 Datasheet HTML 5Page - Xicor Inc. X9116WS8I-2.7 Datasheet HTML 6Page - Xicor Inc. X9116WS8I-2.7 Datasheet HTML 7Page - Xicor Inc. X9116WS8I-2.7 Datasheet HTML 8Page - Xicor Inc. X9116WS8I-2.7 Datasheet HTML 9Page - Xicor Inc. X9116WS8I-2.7 Datasheet HTML 10Page - Xicor Inc. X9116WS8I-2.7 Datasheet HTML 11Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
X9116
Characteristics subject to change without notice.
10 of 11
REV 1.2 2/5/03
www.xicor.com
PACKAGING INFORMATION
0.150 (3.80)
0.158 (4.00)
0.228 (5.80)
0.244 (6.20)
0.014 (0.35)
0.019 (0.49)
Pin 1
Pin 1 Index
0.010 (0.25)
0.020 (0.50)
0.050 (1.27)
0.188 (4.78)
0.197 (5.00)
0.004 (0.19)
0.010 (0.25)
0.053 (1.35)
0.069 (1.75)
(4X) 7°
0.016 (0.410)
0.037 (0.937)
0.0075 (0.19)
0.010 (0.25)
0° - 8°
X 45°
8-Lead Plastic Small Outline Gull Wing Package Type S
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
0.250"
0.050"Typical
0.050"
Typical
0.030"
Typical
8 Places
FOOTPRINT


Similar Part No. - X9116WS8I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9116WS8I-2.7 INTERSIL-X9116WS8I-2.7 Datasheet
247Kb / 9P
   Low Noise, Low Power, Low Cost
X9116WS8I-2.7 INTERSIL-X9116WS8I-2.7 Datasheet
199Kb / 9P
   Digitally Controlled Potentiometer
More results

Similar Description - X9116WS8I-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
X93155 INTERSIL-X93155_08 Datasheet
201Kb / 8P
   Digitally Controlled Potentiometer(XDCP??
logo
Renesas Technology Corp
X9318 RENESAS-X9318 Datasheet
471Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Xicor Inc.
X9319 XICOR-X9319 Datasheet
344Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
X9C303 XICOR-X9C303 Datasheet
366Kb / 10P
   Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9C103SZT1 INTERSIL-X9C103SZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
X93154 INTERSIL-X93154_08 Datasheet
225Kb / 9P
   Digitally Controlled Potentiometer(XDCP??
X93155 INTERSIL-X93155 Datasheet
246Kb / 8P
   Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com