Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9221YPI Datasheet(PDF) 9 Page - Xicor Inc.

Part # X9221YPI
Description  Dual E2POT??Nonvolatile Digital Potentiometer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9221YPI Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X9221YPI Datasheet HTML 5Page - Xicor Inc. X9221YPI Datasheet HTML 6Page - Xicor Inc. X9221YPI Datasheet HTML 7Page - Xicor Inc. X9221YPI Datasheet HTML 8Page - Xicor Inc. X9221YPI Datasheet HTML 9Page - Xicor Inc. X9221YPI Datasheet HTML 10Page - Xicor Inc. X9221YPI Datasheet HTML 11Page - Xicor Inc. X9221YPI Datasheet HTML 12Page - Xicor Inc. X9221YPI Datasheet HTML 13Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
X9221
9
ENDURANCE AND DATA RETENTION
Parameter
Min.
Units
Minimum Endurance
100,000
Data Changes per Register
Data Retention
100
Years
3079 PGM T06.2
Guidelines for Calculating
Typical Values of Bus Pull-Up Resistors
CAPACITANCE
Symbol
Parameter
Max.
Units
Test Conditions
CI/O(5)
Input/Output Capacitance (SDA)
8
pF
VI/O = 0V
CIN(5)
Input Capacitance (A0, A1, A2, A3 and SCL)
6
pF
VIN = 0V
3079 PGM T07
POWER-UP TIMING
Symbol
Parameter
Max.
Units
tPUR(6)
Power-up to Initiation of Read Operation
1
ms
tPUW(6)
Power-up to Initiation of Write Operation
5
ms
3079 PGM T08
A.C. CONDITIONS OF TEST
Input Pulse Levels
VCC x 0.1 to VCC x 0.9
Input Rise and
Fall Times
10ns
Input and Output
Timing Levels
VCC x 0.5
3079 PGM T09
EQUIVALENT A.C. TEST CIRCUIT
Notes: (5) This parameter is periodically sampled and not 100%
tested.
(6) tPUR and tPUW are the delays required from the time
VCC is stable until the specified operation can be
initiated. These parameters are periodically sampled
and not 100% tested.
3079 ILL F02.1
5V
1533
100pF
SDA OUTPUT
3079 ILL F17
120
100
80
40
60
20
20
40
60
80 100 120
0
0
BUS CAPACITANCE (pF)
MIN.
RESISTANCE
MAX.
RESISTANCE
RMAX =
CBUS
tR
RMIN =
IOL MIN
VCC MAX
=1.8K
SYMBOL TABLE
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from LOW
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LOW
Will change
from HIGH
to LOW
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance


Similar Part No. - X9221YPI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9221A INTERSIL-X9221A Datasheet
259Kb / 15P
   64 Taps, 2-Wire Serial Bus
X9221A INTERSIL-X9221A Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9221A RENESAS-X9221A Datasheet
638Kb / 15P
   64 Taps, 2-Wire Serial Bus Dual Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9221A INTERSIL-X9221A Datasheet
292Kb / 15P
   Dual Digitally Controlled Potentiometer
August 30, 2006
X9221AUP INTERSIL-X9221AUP Datasheet
259Kb / 15P
   64 Taps, 2-Wire Serial Bus
More results

Similar Description - X9221YPI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9314 XICOR-X9314 Datasheet
53Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9312 XICOR-X9312 Datasheet
50Kb / 9P
   E2POT??Nonvolatile Digital Potentiometer
X9C102 XICOR-X9C102 Datasheet
83Kb / 15P
   E2POT??Nonvolatile Digital Potentiometer
X9313 XICOR-X9313 Datasheet
50Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9241 XICOR-X9241 Datasheet
76Kb / 16P
   Quad E2POT??Nonvolatile Digital Potentiometer
logo
Analog Devices
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5232 AD-AD5232 Datasheet
268Kb / 20P
   8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV. 0
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5232 AD-AD5232_15 Datasheet
867Kb / 24P
   Nonvolatile Memory, Dual 256-Position Digital Potentiometer
REV. B
AD5232BRUZ10 AD-AD5232BRUZ10 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com