Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9511W Datasheet(PDF) 3 Page - Xicor Inc.

Part # X9511W
Description  PushPot O Potentiometer (Push Button Controlled)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9511W Datasheet(HTML) 3 Page - Xicor Inc.

  X9511W Datasheet HTML 1Page - Xicor Inc. X9511W Datasheet HTML 2Page - Xicor Inc. X9511W Datasheet HTML 3Page - Xicor Inc. X9511W Datasheet HTML 4Page - Xicor Inc. X9511W Datasheet HTML 5Page - Xicor Inc. X9511W Datasheet HTML 6Page - Xicor Inc. X9511W Datasheet HTML 7Page - Xicor Inc. X9511W Datasheet HTML 8Page - Xicor Inc. X9511W Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
X9511
3
DEVICE OPERATION
There are three sections of the X9511: the input control,
counter and decode section; the E2PROM memory; and
the resistor array. The input control section operates just
like an up/down counter. The output of this counter is
decoded to turn on a single electronic switch connecting
a point on the resistor array to the wiper output. Under
the proper conditions the contents of the counter can be
stored in E2PROM memory and retained for future use.
The resistor array is comprised of 31 individual resistors
connected in series. At either end of the array and
between each resistor is an electronic switch that trans-
fers the potential at that point to the wiper.
The X9511 is designed to interface directly to two push
button switches for effectively moving the wiper up or
down. The PU and PD inputs increment or decrement a
5-bit counter respectively. The output of this counter is
decoded to select one of the thirty-two wiper positions
along the resistive array. The wiper increment input, PU
and the wiper decrement input, PD are both connected
to an internal pull-up so that they normally remain HIGH.
When pulled LOW by an external push button switch or a
logic LOW level input, the wiper will be switched to the
next adjacent tap position.
Internal debounce circuitry prevents inadvertent switch-
ing of the wiper position if PU or PD remain LOW for less
than 40ms, typical. Each of the buttons can be pushed
either once for a single increment/decrement or continu-
ously for a multiple increments/decrements. The number
of increments/decrements of the wiper position depend
on how long the button is being pushed. When making a
continuous push, after the first second, the increment/
decrement speed increases. For the first second the
device will be in the slow scan mode. Then if the button is
held for longer than 1 second the device will go into the
fast scan mode. As soon as the button is released the
X9511 will return to a standby condition.
The wiper, when at either fixed terminal, acts like its
mechanical equivalent and does not move beyond the
last position. That is, the counter does not wrap around
when clocked to either extreme.
AUTOSTORE
The value of the counter is stored in E2PROM memory
whenever the chip senses a power-down of VCC while
ASE is enabled (held LOW). When power is restored, the
content of the memory is recalled and the counter reset
to the last value stored.
If AUTOSTORE is to be implemented, ASE is typically
hard wired to VSS. If ASE is held HIGH during power-up
and then taken LOW, the wiper will not respond to the PU
or PD inputs until ASE is brought HIGH and held HIGH.
Manual (Push Button) Store
When ASE is not enabled (held HIGH) a push button
switch may be used to pull ASE LOW and released to
perform a manual store of the wiper position.
RTOTAL with VCC Removed
The end to end resistance of the array will fluctuate once
VCC is removed.
Typical circuit with ASE store pin controlled by
push button switch
VCC
PU
PD
ASE
VH
VW
VL
VSS
8
1
2
7
3
5
6
3067 ILL F05a
VCC
Typical circuit with ASE store pin used in
AUTOSTORE mode
VCC
VCC
PU
PD
ASE
VSS
VH
VW
VL
3.3µF
8
1
2
7
4
3
5
6
3067 ILL F05.2


Similar Part No. - X9511W

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9511WP INTERSIL-X9511WP Datasheet
213Kb / 9P
   Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
X9511WP INTERSIL-X9511WP Datasheet
195Kb / 9P
   Single Push Button Controlled Potentiometer (
X9511WP INTERSIL-X9511WP Datasheet
201Kb / 9P
   The Intersil X9511 is a push button controlled potenti ometer that is ideal for push button controlled resis tance trimming
X9511WP INTERSIL-X9511WP Datasheet
198Kb / 9P
   Linear, 32 Taps, Push Button Controlled, Terminal Voltage ±5V
February 2, 2007
logo
Renesas Technology Corp
X9511WP RENESAS-X9511WP Datasheet
456Kb / 9P
   Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
More results

Similar Description - X9511W

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9514 XICOR-X9514 Datasheet
56Kb / 11P
   PushPot??Potentiometer (Push Button Controlled)
logo
Intersil Corporation
ISL23511 INTERSIL-ISL23511_08 Datasheet
407Kb / 10P
   Single Push Button Controlled Potentiometer
X9511 INTERSIL-X9511_07 Datasheet
195Kb / 9P
   Single Push Button Controlled Potentiometer (
ISL22512 INTERSIL-ISL22512 Datasheet
282Kb / 11P
   Single Push Button Controlled Potentiometer XDCP
X9511 INTERSIL-X9511 Datasheet
213Kb / 9P
   Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23511 RENESAS-ISL23511 Datasheet
740Kb / 11P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL22512 RENESAS-ISL22512 Datasheet
671Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
ISL23512 RENESAS-ISL23512 Datasheet
608Kb / 10P
   Single Push Button Controlled Potentiometer (XDCP™) Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
January 21, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com