Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9514W Datasheet(PDF) 2 Page - Xicor Inc.

Part # X9514W
Description  PushPot??Potentiometer (Push Button Controlled)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9514W Datasheet(HTML) 2 Page - Xicor Inc.

  X9514W Datasheet HTML 1Page - Xicor Inc. X9514W Datasheet HTML 2Page - Xicor Inc. X9514W Datasheet HTML 3Page - Xicor Inc. X9514W Datasheet HTML 4Page - Xicor Inc. X9514W Datasheet HTML 5Page - Xicor Inc. X9514W Datasheet HTML 6Page - Xicor Inc. X9514W Datasheet HTML 7Page - Xicor Inc. X9514W Datasheet HTML 8Page - Xicor Inc. X9514W Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
X9514
2
PIN DESCRIPTIONS
VH and VL
The high (VH) and low (VL) terminals of the X9514 are
equivalent to the fixed terminals of a mechanical potenti-
ometer. The minimum voltage is –5V and the maximum is
+5V. It should be noted that the terminology of VL and VH
references the relative position of the terminal in relation
to wiper movement direction selected by the
PU and PD
inputs and not the voltage potential on the terminal.
PU
The debounced
PU input is for incrementing the wiper
position. An on-chip pull-up holds the
PU input HIGH. A
switch closure to ground or a LOW logic level will, after
a debounce time, move the wiper to the next adjacent
higher tap position.
PD
The debounced
PD input is for decrementing the wiper
position. An on-chip pull-up holds the
PD input HIGH. A
switch closure to ground or a LOW logic level will, after
a debounce time, move the wiper to the next adjacent
lower tap position.
ASE
The debounced
ASE (AUTOSTORE enable) pin can be
in one of two states:
VIL – AUTOSTORE is enabled. When VCC powers-
down an automatic store cycle takes place.
VIH – AUTOSTORE is disabled. A LOW to HIGH will
initiate a manual store operation. This is for a user who
wishes to connect a push button switch to this pin. For
every valid push, the X9514 will store the current wiper
position to the E2PROM.
PIN CONFIGURATION
PIN NAMES
Symbol
Description
VH
High Terminal
VW
Wiper Terminal
VL
Low Terminal
VSS
Ground
VCC
Supply Voltage
PU
Push Up Input
PD
Push Down Input
ASE
AUTOSTORE Enable Input
NC
No Connect
6487 PGM T01.2
VCC
ASE
VL
VW
PU
PD
VH
VSS
1
2
3
4
8
7
6
5
X9514
DIP/SOIC
VCC
ASE
NC
NC
NC
VL
VW
6487 ILL F02.2
PU
PD
NC
NC
NC
VH
VSS
1
2
3
4
5
6
7
14
13
12
11
10
9
8
X9514
TSSOP
TAP POSITION
6487 ILL F04
0
4
8
12
16
20
24
28
31
-20
-40
-43.5
0
-60
Typical Attenuation Characteristics (dB)


Similar Part No. - X9514W

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9511 XICOR-X9511 Datasheet
56Kb / 10P
   PushPot O Potentiometer (Push Button Controlled)
logo
Intersil Corporation
X9511 INTERSIL-X9511 Datasheet
213Kb / 9P
   Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
X9511 INTERSIL-X9511 Datasheet
195Kb / 9P
   Single Push Button Controlled Potentiometer (
X9511 INTERSIL-X9511 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9511 RENESAS-X9511 Datasheet
456Kb / 9P
   Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
More results

Similar Description - X9514W

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9511 XICOR-X9511 Datasheet
56Kb / 10P
   PushPot O Potentiometer (Push Button Controlled)
logo
Intersil Corporation
ISL23511 INTERSIL-ISL23511_08 Datasheet
407Kb / 10P
   Single Push Button Controlled Potentiometer
X9511 INTERSIL-X9511_07 Datasheet
195Kb / 9P
   Single Push Button Controlled Potentiometer (
ISL22512 INTERSIL-ISL22512 Datasheet
282Kb / 11P
   Single Push Button Controlled Potentiometer XDCP
X9511 INTERSIL-X9511 Datasheet
213Kb / 9P
   Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23511 RENESAS-ISL23511 Datasheet
740Kb / 11P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL22512 RENESAS-ISL22512 Datasheet
671Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
ISL23512 RENESAS-ISL23512 Datasheet
608Kb / 10P
   Single Push Button Controlled Potentiometer (XDCP™) Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
January 21, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com