Selected language     English  ▼


W01L Datasheet(PDF) 1 Page - Changzhou Shunye Electronics Co.,Ltd.

Part No. W01L
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SY [Changzhou Shunye Electronics Co.,Ltd.]
Homepage  http://my.import.or.kr/diodecn/index.html
Logo 

   
 1 page
background image
W005L THRU W10L
SILICON BRIDGE RECTIFIERS
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.5 Amperes
Case: Molded plastic body
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: Polarity symbols marked on case
Mounting Position: Any
Weight:0.05 ounce, 1.42 grams
FEATURES
MECHANICAL DATA
RC-2
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
50.0
10
10
0.5
15
40
-55 to +125
-55 to +150
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
W005L
W01L
W04L
W06L
W08L W10L
W02L
1.5
NOTES:
1.Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts.
2.Unit mounted on P.C. board with 0.22” x 0.22”(5.5x5.5mm) copper pads,0.375”(9.5mm) lead length.
0.220(5.6)
0.180(4.6)
0.220(5.6)
0.180(4.6)
0.032(0.8)
0.028(0.7)
POS.LEAD
1.1
(27.9)
MIN.
1.0
(25.4)
MIN.
0.366(9.3)
0.350(8.9)
0.290(7.4)
0.270(6.9)
DIA.
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Ideal for printed circuit boards
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
260 C/10 seconds,0.375(9.5mm) lead length,
5 lbs. (2.3kg) tension
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load, for capacitive load current derate by 20%.
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward output rectified current
at TA=25 C( Note 2)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Rating for Fusing(t<8.3ms)
Maximum instantaneous forward voltage drop
per birdge element at 1.5A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Typical Junction Capacitance (Note 1)
Typical Thermal Resistance
Operating junction temperature range
storage temperature range
I t
CJ
RqJA
TJ
TSTG
IR
A s
2
2
VF
A
u
C
C/W
mA
C
pF
1.0
www.shunyegroup.com




Html Pages

1  2 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl