Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0104-H-ABC0-D-EJ Datasheet(PDF) 1 Page - Schurter Inc.

Part # 0104-H-ABC0-D-EJ
Description  IEC Connector C19, Rewireable, Straight
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

0104-H-ABC0-D-EJ Datasheet(HTML) 1 Page - Schurter Inc.

  0104-H-ABC0-D-EJ Datasheet HTML 1Page - Schurter Inc. 0104-H-ABC0-D-EJ Datasheet HTML 2Page - Schurter Inc. 0104-H-ABC0-D-EJ Datasheet HTML 3Page - Schurter Inc. 0104-H-ABC0-D-EJ Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image

Cord Connectors (rewireable)
004
www.schurter.com/pg07b
Connectors
IEC Connector C19, Rewireable, Straight
C19
70° C
Description
-Connector:
Screwingcableterminal,Pintemperature70°C,Protectionclass
I,Cable
-Werecommendfornewapplicationsthetype4795
-Note:Pleaseorderpvcstrainreliefseperately,matingstrainreliefs
pleasefindunderaccessories.
Approvals
-VDELicenseNumber:40008423
-ULLicenseNumber:E57445
-CSALicenseNumber:1435558
References
GeneralProductInformation
Weblinks
Approvals,RoHS,CHINA-RoHS,MatingConnectors,e-Store,
Distributor-Stock-Check,Accessories
Technical Data
RatingsIEC
16A/250VAC;50Hz
RatingsUL/CSA
21A/250VAC;60Hz
DielectricStrength
>3kVACbetweenL-N
>1.5kVACbetweenL/N-PE
(1min/50Hz)
AllowableOperationTemp.
-25°Cto70°C
DegreeofProtection
fromfrontsideIP20acc.toIEC60529
ProtectionClass
Suitableforapplianceswithprotection
class1acc.toIEC61140
Terminal
ScrewClamp
Material:Housing
UL94V-0
Connector
C19acc.toIEC/EN60320-2-2
UL498,CSAC22.2no.42(forcold
conditions)pin-temperature70°C,16A,
ProtectionClass1
Dimensions
30.5mm
23
57
21


Similar Part No. - 0104-H-ABC0-D-EJ

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
0104-SS RAF-0104-SS Datasheet
90Kb / 1P
   CAPTIVE PANEL SCREW STYLE 1
More results

Similar Description - 0104-H-ABC0-D-EJ

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0921 SCHURTER-0921_V01 Datasheet
231Kb / 3P
   IEC Connector C19, Rewireable, Straight
10.12.2021
1652 SCHURTER-1652 Datasheet
417Kb / 3P
   IEC Connector C19, Rewireable, Straight
0104U SCHURTER-0104U Datasheet
333Kb / 4P
   IEC Connector C19, Rewireable, Straight
0921 SCHURTER-0921_21 Datasheet
231Kb / 3P
   IEC Connector C19, Rewireable, Straight
4795 SCHURTER-4795_18 Datasheet
337Kb / 4P
   IEC Connector C19, Rewireable, Straight
0104U SCHURTER-0104U_V01 Datasheet
299Kb / 3P
   IEC Connector C19, Rewireable, Straight
10.12.2021
0104U_1804 SCHURTER-0104U_1804 Datasheet
333Kb / 4P
   IEC Connector C19, Rewireable, Straight
0104U SCHURTER-0104U_21 Datasheet
298Kb / 3P
   IEC Connector C19, Rewireable, Straight
4795 SCHURTER-4795_21 Datasheet
338Kb / 4P
   IEC Connector C19, Rewireable, Straight
4795 SCHURTER-4795 Datasheet
366Kb / 2P
   IEC Connector C19, Rewireable, Straight
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com