Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9C503 Datasheet(PDF) 2 Page - Xicor Inc.

Part # X9C503
Description  E2POT??Nonvolatile Digital Potentiometer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9C503 Datasheet(HTML) 2 Page - Xicor Inc.

  X9C503 Datasheet HTML 1Page - Xicor Inc. X9C503 Datasheet HTML 2Page - Xicor Inc. X9C503 Datasheet HTML 3Page - Xicor Inc. X9C503 Datasheet HTML 4Page - Xicor Inc. X9C503 Datasheet HTML 5Page - Xicor Inc. X9C503 Datasheet HTML 6Page - Xicor Inc. X9C503 Datasheet HTML 7Page - Xicor Inc. X9C503 Datasheet HTML 8Page - Xicor Inc. X9C503 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
X9C102/103/104/503
2
PIN DESCRIPTIONS
VH and VL
The high (VH) and low (VL) terminals of the X9C102/103/
104/503 are equivalent to the fixed terminals of a
mechanical potentiometer. The minimum voltage is –5V
and the maximum is +5V. It should be noted that the
terminology of VL and VH references the relative position
of the terminal in relation to wiper movement direction
selected by the U/
D input and not the voltage potential on
the terminal.
VW
VW is the wiper terminal, equivalent to the movable
terminal of a mechanical potentiometer. The position
of the wiper within the
array is determined by the
control inputs. The wiper terminal series resistance is
typically 40
Ω.
Up/Down (U/
D)
The U/
D input controls the direction of the wiper
movement and whether the counter is incremented or
decremented.
Increment (
INC)
The
INC input is negative-edge triggered. Toggling INC
will move the wiper and either increment or decrement
the counter in the direction indicated by the logic level on
the U/
D input.
Chip Select (
CS)
The device is selected when the
CS input is LOW. The
current counter value is stored in nonvolatile memory
when
CS is returned HIGH while the INC input is also
HIGH. After the store operation is complete the X9C102/
103/104/503 will be placed in the low power standby
mode until the device is selected once again.
PIN CONFIGURATION
PIN NAMES
Symbol
Description
VH
High Terminal
VW
Wiper Terminal
VL
Low Terminal
VSS
Ground
VCC
Supply Voltage
U/
D
Up/Down Input
INC
Increment Input
CS
Chip Select Input
NC
No Connect
3863 PGM T01
VCC
CS
VL
VW
3863 FHD F02.2
INC
U/D
VH
VSS
1
2
3
4
8
7
6
5
X9C102/
103/104/503
DIP/SOIC


Similar Part No. - X9C503

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C503 INTERSIL-X9C503 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9C503 INTERSIL-X9C503 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
X9C503 INTERSIL-X9C503 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9C503 INTERSIL-X9C503 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C503 RENESAS-X9C503 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9C503

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9314 XICOR-X9314 Datasheet
53Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9312 XICOR-X9312 Datasheet
50Kb / 9P
   E2POT??Nonvolatile Digital Potentiometer
X9313 XICOR-X9313 Datasheet
50Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9241 XICOR-X9241 Datasheet
76Kb / 16P
   Quad E2POT??Nonvolatile Digital Potentiometer
X9221 XICOR-X9221 Datasheet
65Kb / 14P
   Dual E2POT??Nonvolatile Digital Potentiometer
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
logo
Maxim Integrated Produc...
DS4301 MAXIM-DS4301 Datasheet
155Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
logo
Xicor Inc.
X9316 XICOR-X9316 Datasheet
68Kb / 12P
   E 2 POT??Nonvolatile Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com