Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM4426GM Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SSM4426GM
Description  N-channel Enhancement-mode Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM4426GM Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SSM4426GM Datasheet HTML 1Page - Silicon Standard Corp. SSM4426GM Datasheet HTML 2Page - Silicon Standard Corp. SSM4426GM Datasheet HTML 3Page - Silicon Standard Corp. SSM4426GM Datasheet HTML 4Page - Silicon Standard Corp. SSM4426GM Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.SiliconStandard.com
3 of 5
SSM4426GM
4/16/2006 Rev.3.01
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
Fig 3. On-Resistance vs. Gate Voltage
Fig 4. Normalized On-Resistance
vs. Junction Temperature
Fig 5. Forward Characteristic of
ff
Fig 6. Gate Threshold Voltage vs.
Reverse Diode
Junction Temperature
5
10
15
20
2
4
6
8
10
V GS , Gate-to-Source Voltage (V)
I D = 12 A
T A =25°C
0
20
40
60
80
100
0246
V DS , Drain-to-Source Voltage (V)
T A =25
o C
10V
7.0V
5.0V
4.5V
V G =3.0V
0
20
40
60
80
100
0246
V DS , Drain-to-Source Voltage (V)
T A = 150
o C
10V
7.0V
5.0V
4.5V
V G =3.0V
0.4
0.9
1.4
1.9
-50
0
50
100
150
T j , Junction Temperature (
o C)
I D =16 A
V G =10V
0.0
0.5
1.0
1.5
2.0
-50
0
50
100
150
T j , Junction Temperature (
o C)
0
3
6
9
12
0
0.2
0.4
0.6
0.8
1
1.2
V SD , Source-to-Drain Voltage (V)
T j =25
o C
T j =150
o C


Similar Part No. - SSM4426GM

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SSM4420 VBSEMI-SSM4420 Datasheet
1Mb / 9P
   N-Channel 20V (D-S) MOSFET
logo
Silicon Standard Corp.
SSM4423GM SSC-SSM4423GM Datasheet
228Kb / 5P
   P-CHANNEL ENHANCEMENT-MODE POWER MOSFET
SSM4424GM SSC-SSM4424GM Datasheet
307Kb / 5P
   N-channel Enhancement-mode Power MOSFET
More results

Similar Description - SSM4426GM

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com