Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM4501GM Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SSM4501GM
Description  N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM4501GM Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SSM4501GM Datasheet HTML 1Page - Silicon Standard Corp. SSM4501GM Datasheet HTML 2Page - Silicon Standard Corp. SSM4501GM Datasheet HTML 3Page - Silicon Standard Corp. SSM4501GM Datasheet HTML 4Page - Silicon Standard Corp. SSM4501GM Datasheet HTML 5Page - Silicon Standard Corp. SSM4501GM Datasheet HTML 6Page - Silicon Standard Corp. SSM4501GM Datasheet HTML 7Page - Silicon Standard Corp. SSM4501GM Datasheet HTML 8Page - Silicon Standard Corp. SSM4501GM Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
N AND P-CHANNEL ENHANCEMENT
MODE POWER MOSFET
08/17/2007 Rev.1.00
www.SiliconStandard.com
1
SSM4501GM
PRODUCT SUMMARY
Simple Drive Requirement
Low On-resistance
Fast Switching
DESCRIPTION
The advanced power MOSFETs from Silicon Standard Corp.
provide the designer with the best combination of fast switching,
ruggedized device design, low on-resistance and cost-effectiveness.
The SO-8 package is universally preferred for all commercial-
industrial surface mount applications and suited for low voltage
applications such as DC/DC converters.
ABSOLUTE MAXIMUM RATINGS
Pb-free; RoHS-compliant
N-CH BVDSS
30V
RDS(ON)
28mΩ
ID
7A
P-CH
BVDSS
-30V
RDS(ON)
50mΩ
ID
-5.3A
S1
G1
S2
G2
D1
D1
D2
D2
SO-8
G2
D2
S2
G1
D1
S1
Symbol
Parameter
Rating
Units
N-channel
P-channel
VDS
Drain-Source Voltage
-30
V
VGS
Gate-Source Voltage
±20
V
ID@TA=25℃
Continuous Drain Current
3
-5.3
A
ID@TA=70℃
Continuous Drain Current
3
-4.7
A
IDM
Pulsed Drain Current
1
-20
A
PD@TA=25℃
Total Power Dissipation
W
Linear Derating Factor
W/℃
TSTG
Storage Temperature Range
TJ
Operating Junction Temperature Range
Symbol
Value
Unit
Rthj-amb
Thermal Resistance Junction-ambient
3
Max.
62.5
℃/W
-55 to 150
0.016
-55 to 150
5.8
20
2
Parameter
THERMAL DATA
30
±20
7


Similar Part No. - SSM4501GM

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SSM4501GSD SSC-SSM4501GSD Datasheet
287Kb / 8P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - SSM4501GM

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2531GY A-POWER-AP2531GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJQ4503 JIANGSU-CJQ4503 Datasheet
5Mb / 6P
   N-and P-Channel Enhancement Mode Power MOSFET
logo
Cystech Electonics Corp...
MTC3588N6 CYSTEKEC-MTC3588N6_16 Datasheet
856Kb / 12P
   N- And P-Channel Enhancement Mode Power MOSFET
logo
Advanced Power Electron...
AP4501GSD A-POWER-AP4501GSD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4511GD A-POWER-AP4511GD Datasheet
155Kb / 8P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4569GD A-POWER-AP4569GD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com