Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9514WSI Datasheet(PDF) 4 Page - Xicor Inc.

Part # X9514WSI
Description  PushPot??Potentiometer (Push Button Controlled)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9514WSI Datasheet(HTML) 4 Page - Xicor Inc.

  X9514WSI Datasheet HTML 1Page - Xicor Inc. X9514WSI Datasheet HTML 2Page - Xicor Inc. X9514WSI Datasheet HTML 3Page - Xicor Inc. X9514WSI Datasheet HTML 4Page - Xicor Inc. X9514WSI Datasheet HTML 5Page - Xicor Inc. X9514WSI Datasheet HTML 6Page - Xicor Inc. X9514WSI Datasheet HTML 7Page - Xicor Inc. X9514WSI Datasheet HTML 8Page - Xicor Inc. X9514WSI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
X9514
4
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias .................. –65
°C to +135°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on
PU, PD, ASE and VCC
with Respect to VSS ........................... –1V to +7V
Voltage on VH and VL Referenced to VSS
∆V = |VH–VL|......................................................... 10V
Lead Temperature (Soldering 10 seconds) ....... 300
°C
Wiper Current .....................................................
±1mA
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation
of the device at these or any other conditions above
those listed in the operational sections of this specifica-
tion is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
ANALOG CHARACTERISTICS
Electrical Characteristics
End-to-End Resistance Tolerance .....................
±20%
Power Rating at 25
°C
X9514W ...................................................... 10mW
Wiper Current ............................................
±1mA Max.
Typical Wiper Resistance ......................... 40
Ω at 1mA
Typical Noise .......................... < –120dB/
Hz Ref: 1V
Relative Variation
Relative variation is a measure of the error in step size
between taps = log(Vw(n)) – log(Vw(n-1)) = 0.08±0.05
for tap n = 2 – 31
Temperature Coefficient
(–40
°C to +85°C)
X9514W ..................................... +600 ppm/
°C Typical
Ratiometric Temperature Coefficient ............
±20 ppm
Wiper Adjustability
Unlimited Wiper Adjustment (Non-Store operation)
Wiper Position Store Operations ............. 100,000
Data Changes
Physical Characteristics
Marking Includes
Manufacturer’s Trademark
Resistance Value or Code
Date Code
Typical Electrical Taper
100.0%
90.0%
80.0%
70.0%
60.0%
50.0%
40.0%
30.0%
20.0%
10.0%
0.0%
Tap
6487 ILL F08


Similar Part No. - X9514WSI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9511 XICOR-X9511 Datasheet
56Kb / 10P
   PushPot O Potentiometer (Push Button Controlled)
logo
Intersil Corporation
X9511 INTERSIL-X9511 Datasheet
213Kb / 9P
   Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
X9511 INTERSIL-X9511 Datasheet
195Kb / 9P
   Single Push Button Controlled Potentiometer (
X9511 INTERSIL-X9511 Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9511 RENESAS-X9511 Datasheet
456Kb / 9P
   Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
More results

Similar Description - X9514WSI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9511 XICOR-X9511 Datasheet
56Kb / 10P
   PushPot O Potentiometer (Push Button Controlled)
logo
Intersil Corporation
ISL23511 INTERSIL-ISL23511_08 Datasheet
407Kb / 10P
   Single Push Button Controlled Potentiometer
X9511 INTERSIL-X9511_07 Datasheet
195Kb / 9P
   Single Push Button Controlled Potentiometer (
ISL22512 INTERSIL-ISL22512 Datasheet
282Kb / 11P
   Single Push Button Controlled Potentiometer XDCP
X9511 INTERSIL-X9511 Datasheet
213Kb / 9P
   Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23511 RENESAS-ISL23511 Datasheet
740Kb / 11P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL22512 RENESAS-ISL22512 Datasheet
671Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
ISL23512 RENESAS-ISL23512 Datasheet
608Kb / 10P
   Single Push Button Controlled Potentiometer (XDCP™) Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
January 21, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com