Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9221UPM Datasheet(PDF) 6 Page - Xicor Inc.

Part # X9221UPM
Description  Dual E2POT??Nonvolatile Digital Potentiometer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9221UPM Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X9221UPM Datasheet HTML 2Page - Xicor Inc. X9221UPM Datasheet HTML 3Page - Xicor Inc. X9221UPM Datasheet HTML 4Page - Xicor Inc. X9221UPM Datasheet HTML 5Page - Xicor Inc. X9221UPM Datasheet HTML 6Page - Xicor Inc. X9221UPM Datasheet HTML 7Page - Xicor Inc. X9221UPM Datasheet HTML 8Page - Xicor Inc. X9221UPM Datasheet HTML 9Page - Xicor Inc. X9221UPM Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
X9221
Figure 7. Acknowledge Response from Receiver
Instruction Format
Instruction
I3
I2
I1
I0
0P0
R1
Ro
Operation
Read WCR
1
0
0
1
0
1/0
N/A(7)
N/A
Read the contents of the Wiper Counter
Register pointed to by P0
Write WCR
1
0
1
0
0
1/0
N/A
N/A
Write new value to the Wiper Counter
Register pointed to by P0
Read Data
1
0
1
1
0
1/0
1/0
1/0
Read the contents of the Register
Register
pointed to by P0 and R1–R0
Write Data
1
1
0
0
0
1/0
1/0
1/0
Write new value to the Register
Register
pointed to by P0 and R1–R0
XFR Data Reg-
1
1
0
1
0
1/0
1/0
1/0
Transfer the contents of the Register
ister to WCR
pointed to by P0 and R1–R0
to its associated WCR
XFR WCR to
1
1
1
0
0
1/0
1/0
1/0
Transfer the contents of the WCR
Data Register
pointed to by P0 to the Register
pointed to by R1–R0
Global XFR Data
0
0
0
1
N/A
N/A
1/0
1/0
Transfer the contents of all four Data
Register to WCR
Registers pointed to by R1–R0 to their
respective WCR
Global XFR WCR
1
0
0
0
N/A
N/A
1/0
1/0
Transfer the contents of all WCRs
to Data Register
to their respective data Registers
pointed to by R1–R0
Increment/Decre-
0
0
1
0
0
1/0
N/A
N/A
Enable Increment/decrement of the
ment Wiper
WCR pointed to by P0
3079 PGM T11.1
Table 1. Instruction Set
Notes: (7) N/A = Not applicable or don’t care; that is, a data register is not involved in the operation and need not be addressed (typical)
3079 ILL F14
SCL FROM
MASTER
DATA
OUTPUT
FROM
TRANSMITTER
1
89
DATA
OUTPUT
FROM
RECEIVER
START
ACKNOWLEDGE


Similar Part No. - X9221UPM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9221A INTERSIL-X9221A Datasheet
259Kb / 15P
   64 Taps, 2-Wire Serial Bus
X9221A INTERSIL-X9221A Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9221A RENESAS-X9221A Datasheet
638Kb / 15P
   64 Taps, 2-Wire Serial Bus Dual Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
X9221A INTERSIL-X9221A Datasheet
292Kb / 15P
   Dual Digitally Controlled Potentiometer
August 30, 2006
X9221AUP INTERSIL-X9221AUP Datasheet
259Kb / 15P
   64 Taps, 2-Wire Serial Bus
More results

Similar Description - X9221UPM

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9314 XICOR-X9314 Datasheet
53Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9312 XICOR-X9312 Datasheet
50Kb / 9P
   E2POT??Nonvolatile Digital Potentiometer
X9C102 XICOR-X9C102 Datasheet
83Kb / 15P
   E2POT??Nonvolatile Digital Potentiometer
X9313 XICOR-X9313 Datasheet
50Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9241 XICOR-X9241 Datasheet
76Kb / 16P
   Quad E2POT??Nonvolatile Digital Potentiometer
logo
Analog Devices
AD5232BRUZ10-REEL7 AD-AD5232BRUZ10-REEL7 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
AD5232 AD-AD5232 Datasheet
268Kb / 20P
   8-Bit Dual Nonvolatile Memory Digital Potentiometer
REV. 0
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5232 AD-AD5232_15 Datasheet
867Kb / 24P
   Nonvolatile Memory, Dual 256-Position Digital Potentiometer
REV. B
AD5232BRUZ10 AD-AD5232BRUZ10 Datasheet
867Kb / 24P
   Nonvolatile Memory,Dual 256-Position Digital Potentiometer
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com