Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ130 Datasheet(PDF) 4 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # SMAJ130
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SY [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SY - Shanghai Shunye Electronics Co.,Ltd.

SMAJ130 Datasheet(HTML) 4 Page - Shanghai Shunye Electronics Co.,Ltd.

  SMAJ130 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. SMAJ130 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. SMAJ130 Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. SMAJ130 Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
RATINGS AND CHARACTERISTIC CURVES SMAJ5.0 THUR SMAJ170CA
150
100
50
0
0
1.0
2.0
3.0
4.0
FIG.3-PULSE WAVEFORM
t,TIME,ms
100
10
1.0
0.1
0.1ms
1.0ms
10ms
100ms
1.0ms
10ms
FIG. 1-PEAK PULSE POWER RATING CURVE
td,PULSE WIDTH,sec.
10,000
1,000
100
10
1.0
10
100
200
1.0
10
100
50
0
40
30
20
FIG. 4-TYPICAL JUNCTIONAL CAPACITANCE
UNIDIRECTIONAL
FIG.6-MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT UNIDIRECTIONAL ONLY
V(BR),BREAKDOWN VOLTAGE,VOLTS
NUMBER OF CYCLES AT 60Hz
100
75
50
25
0
0
25
50
75
100
125
150
175
FIG. 2-PULSE DERATING CURVE
TA
, AMBIENT TEMPERATURE,( C)
0
10
20
30
40
50
60
70
80
105
84
63
42
21
0V
-21
-42
-63
-84
-105
FIG.7-TYPICAL RESPONSE TO 8KV POSITLVE GOLING ESD
PULSE PER IEC1000-4-2(IEC801-2)
t,TIME,nsec.
1.00
0.75
0.50
0.25
0
0
25
50
75
100
125
150
175
FIG.5-STEADY STATE POWER DERATING CURVE
TL,LEAD TEMPERATURE, C
NON-REPETITIVE
PULSE WAVEFORM
SHOWN in FIG.3
TA=25 C
60Hz RESISTIVE
OR INDUCTIVE LOAD
10/1000msec WAVEFORM
as DFINED by R.E.A.
PULSE WIDTH (td) is DEFINED
as the POINT WHERE the PEAK
CURRENT DECAYS to 50% of IppM
PEAK VALUE IppM
HALF VALUE
IPPM
2
tr=10msec
MEASURED at
STAND-OFF
VOLTAGE,VwM
td
0.2x0.2”
(0.5x0.5mm)
COPPER PAD AREAS
0.2x0.2”
(0.5x0.5mm)
COPPER PAD AREAS
0.2x0.2”
(0.5x0.5mm)
COPPER PAD AREAS
Device Used:
SMAJ15C
10
TJ=TJmax.
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
UNI-DIRECTIONAL
TJ=25 C
f=1.0MHz
Vsig=50mVp-p
BI-DIRECTIONAL
www.shunyegroup.com


Similar Part No. - SMAJ130

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMAJ130 JGD-SMAJ130 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Yangzhou yangjie electr...
SMAJ130 YANGJIE-SMAJ130 Datasheet
183Kb / 7P
   Surface Mount Transient Voltage Suppressor Diodes
logo
Socay Electornics Co., ...
SMAJ130 SOCAY-SMAJ130 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
RFE international
SMAJ130 RFE-SMAJ130 Datasheet
55Kb / 1P
   SURFACE MOUNT TVS DIODE Electrical Characteristics, 33 to 170 Volts
logo
Socay Electornics Co., ...
SMAJ130 SOCAY-SMAJ130 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMAJ130

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com