Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA170CA Datasheet(PDF) 3 Page - Won-Top Electronics

Part # SA170CA
Description  500W TRANSIENT VOLTAGE SUPPRESSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

SA170CA Datasheet(HTML) 3 Page - Won-Top Electronics

  SA170CA Datasheet HTML 1Page - Won-Top Electronics SA170CA Datasheet HTML 2Page - Won-Top Electronics SA170CA Datasheet HTML 3Page - Won-Top Electronics SA170CA Datasheet HTML 4Page - Won-Top Electronics SA170CA Datasheet HTML 5Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SA5.0/A/C/CA – SA170/A/C/CA
3 of 5
© 2002 Won-Top Electronics
UNI-DIRECTIONAL 500 WATT AXIAL LEAD TVS
UNI-DIRECTIONAL
PART NUMBER
REVERSE
STAND-OFF
VOLTAGE VRWM (V)
BREAKDOWN
VOLTAGE
VBR (V) MIN. @IT
BREAKDOWN
VOLTAGE
VBR (V) MAX. @IT
TEST
CURRENT
IT (mA)
MAXIMUM CLAMPING
VOLTAGE @Ipp Vc (V)
PEAK PULSE
CURRENT
Ipp (A)
REVERSE
LEAKAGE
@VRWM IR (uA)
SA5.0
SA5.0A
SA6.0
SA6.0A
5.00
5.00
6.00
6.00
6.40
6.40
6.67
6.67
7.30
7.00
8.15
7.37
10
10
10
10
9.6
9.2
11.4
10.3
52.3
54.3
43.9
48.5
600
600
600
600
SA6.5
SA6.5A
SA7.0
SA7.0A
6.50
6.50
7.00
7.00
7.22
7.22
7.78
7.78
8.82
7.98
9.51
8.60
10
10
10
10
12.3
11.2
13.3
12.0
40.7
44.7
37.8
41.7
400
400
150
150
SA7.5
SA7.5A
SA8.0
SA8.0A
7.50
7.50
8.00
8.00
8.33
8.33
8.99
8.99
10.20
9.21
10.90
9.83
1
1
1
1
14.3
12.9
15.0
13.6
35.0
38.8
33.3
36.7
50
50
25
25
SA8.5
SA8.5A
SA9.0
SA9.0A
8.50
8.50
9.00
9.00
9.44
9.44
10.00
10.00
11.50
10.40
12.20
11.10
1
1
1
1
15.9
14.4
16.9
15.4
31.4
34.7
29.5
32.5
10
10
5
5
SA10
SA10A
SA11
SA11A
10.00
10.00
11.00
11.00
11.10
11.10
12.20
12.20
13.60
12.30
14.90
13.50
1
1
1
1
18.8
17.0
20.1
18.2
26.6
29.4
24.9
27.4
3
3
3
3
SA12
SA12A
SA13
SA13A
12.00
12.00
13.00
13.00
13.30
13.30
14.40
14.40
16.30
14.70
17.60
15.90
1
1
1
1
22.0
19.9
23.8
21.5
22.7
25.1
21.0
23.2
3
3
3
3
SA14
SA14A
SA15
SA15A
14.00
14.00
15.00
15.00
15.60
15.60
16.70
16.70
19.10
17.20
20.40
18.50
1
1
1
1
25.8
23.2
26.9
24.4
19.4
21.5
18.8
20.6
3
3
3
3
SA16
SA16A
SA17
SA17A
16.00
16.00
17.00
17.00
17.80
17.80
18.90
18.90
21.80
19.70
23.10
20.90
1
1
1
1
28.8
26.0
30.5
27.6
17.6
19.2
16.4
16.1
3
3
3
3
SA18
SA18A
SA20
SA20A
18.00
18.00
20.00
20.00
20.00
20.00
22.20
22.20
24.40
22.10
27.10
24.50
1
1
1
1
32.2
29.2
35.8
32.4
15.5
17.2
13.9
15.4
3
3
3
3
SA22
SA22A
SA24
SA24A
22.00
22.00
24.00
24.00
24.40
24.40
26.70
26.70
29.80
26.90
32.60
29.50
1
1
1
1
39.4
35.5
43.0
38.9
12.7
14.1
11.6
12.8
3
3
3
3
SA26
SA26A
SA28
SA28A
26.00
26.00
28.00
28.00
28.90
28.90
31.10
31.10
35.30
31.90
38.00
34.40
1
1
1
1
46.6
42.1
50.0
45.4
10.7
11.9
9.9
11.0
3
3
3
3
SA30
SA30A
SA33
SA33A
30.00
30.00
33.00
33.00
33.30
33.30
36.70
36.70
40.70
36.80
44.90
40.60
1
1
1
1
53.5
48.4
59.0
53.3
9.3
10.3
8.5
9.4
3
3
3
3
SA36
SA36A
SA40
SA40A
36.00
36.00
40.00
40.00
40.00
40.00
44.40
44.40
48.90
44.20
54.30
49.10
1
1
1
1
64.3
58.1
71.4
64.5
7.8
8.6
7.0
7.8
3
3
3
3
SA43
SA43A
SA45
SA45A
43.00
43.00
45.00
45.00
47.80
47.80
50.00
50.00
58.40
52.80
61.10
55.30
1
1
1
1
76.6
69.4
80.3
72.7
6.5
7.2
6.2
6.9
3
3
3
3
SA48
SA48A
SA51
SA51A
48.00
48.00
51.00
51.00
53.30
53.30
56.70
56.70
65.10
58.90
69.30
62.70
1
1
1
1
85.5
77.4
91.1
82.4
5.8
6.5
5.5
6.1
3
3
3
3
SA54
SA54A
SA58
SA58A
54.00
54.00
58.00
58.00
60.00
60.00
64.40
64.40
73.30
66.30
78.70
71.20
1
1
1
1
96.3
87.1
103.0
93.6
5.2
5.7
4.9
5.3
3
3
3
3
SA60
SA60A
SA64
SA64A
60.00
60.00
64.00
64.00
66.70
66.70
71.10
71.10
81.50
73.70
86.90
78.60
1
1
1
1
107.0
96.8
114.0
103.0
4.7
5.2
4.4
4.9
3
3
3
3
SA70
SA70A
SA75
SA75A
70.00
70.00
75.00
75.00
77.80
77.80
83.30
83.30
95.10
86.00
102.00
92.10
1
1
1
1
125.0
113.0
134.0
121.0
4.0
4.4
3.7
4.1
3
3
3
3
SA78
SA78A
SA85
SA85A
78.00
78.00
85.00
85.00
86.70
86.70
94.40
94.40
106.00
95.80
115.00
104.00
1
1
1
1
139.0
126.0
151.0
137.0
3.6
4.0
3.3
3.6
3
3
3
3
SA90
SA90A
SA100
SA100A
90.00
90.00
100.00
100.00
100.00
100.00
111.00
111.00
122.00
111.00
136.00
123.00
1
1
1
1
160.0
146.0
179.0
162.0
3.1
3.4
2.8
3.1
3
3
3
3
SA110
SA110A
SA120
SA120A
110.00
110.00
120.00
120.00
122.00
122.00
133.00
133.00
149.00
135.00
163.00
147.00
1
1
1
1
196.0
177.0
214.0
193.0
2.6
2.8
2.3
2.0
3
3
3
3
SA130
SA130A
SA150
SA150A
130.00
130.00
150.00
150.00
144.00
144.00
167.00
167.00
176.00
159.00
204.00
185.00
1
1
1
1
231.0
209.0
269.0
243.0
2.2
2.4
1.9
2.1
3
3
3
3
SA160
SA160A
SA170
SA170A
160.00
160.00
170.00
170.00
178.00
178.00
189.00
189.00
218.00
197.00
231.00
209.00
1
1
1
1
287.0
259.0
304.0
275.0
1.7
1.9
1.6
1.8
3
3
3
3


Similar Part No. - SA170CA

ManufacturerPart #DatasheetDescription
logo
RFE international
SA170CA RFE-SA170CA Datasheet
3Mb / 7P
   FEATURES Voltage Suppressor Diodes
09-08-2022
logo
Pan Jit International I...
SA170CA PANJIT-SA170CA Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
CHENG-YI ELECTRONIC CO....
SA170CA CHENG-YI-SA170CA Datasheet
129Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SA170CA VISHAY-SA170CA Datasheet
96Kb / 6P
   TRANSZORB Transient Voltage Suppressors
Revision: 23-Jan-14
logo
UN Semiconducctor INC
SA170CA UNSEMI-SA170CA Datasheet
3Mb / 7P
   5.0 To 190V 500W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results

Similar Description - SA170CA

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SAC5.0 FRONTIER-SAC5.0 Datasheet
127Kb / 3P
   LOW CAPACITANCE 500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Semtech Corporation
1N6102 SEMTECH-1N6102 Datasheet
111Kb / 3P
   500W BI-POLARITY TRANSIENT VOLTAGE SUPPRESSORS
logo
New Jersey Semi-Conduct...
1N6102 NJSEMI-1N6102 Datasheet
151Kb / 1P
   500W BI-POLARITY TRANSIENT VOLTAGE SUPPRESSORS
logo
Formosa MS
SA FORMOSA-SA Datasheet
166Kb / 7P
   500W Axial Leaded Transient Voltage Suppressors-5.0V-220V
logo
UN Semiconducctor INC
SACA UNSEMI-SACA Datasheet
2Mb / 4P
   5.0 To 50V 500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
SA UNSEMI-SA Datasheet
3Mb / 7P
   5.0 To 190V 500W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Won-Top Electronics
SA180 WTE-SA180 Datasheet
72Kb / 5P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA20A-T DIODES-SA20A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Won-Top Electronics
SA5.0 WTE-SA5.0_06 Datasheet
82Kb / 6P
   500W TRANSIENT VOLTAGE SUPPRESSOR
logo
Diodes Incorporated
SA26A-T DIODES-SA26A-T Datasheet
202Kb / 4P
   500W TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com