Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9314WPI3 Datasheet(PDF) 4 Page - Xicor Inc.

Part # X9314WPI3
Description  E2POT??Nonvolatile Digital Potentiometer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9314WPI3 Datasheet(HTML) 4 Page - Xicor Inc.

  X9314WPI3 Datasheet HTML 1Page - Xicor Inc. X9314WPI3 Datasheet HTML 2Page - Xicor Inc. X9314WPI3 Datasheet HTML 3Page - Xicor Inc. X9314WPI3 Datasheet HTML 4Page - Xicor Inc. X9314WPI3 Datasheet HTML 5Page - Xicor Inc. X9314WPI3 Datasheet HTML 6Page - Xicor Inc. X9314WPI3 Datasheet HTML 7Page - Xicor Inc. X9314WPI3 Datasheet HTML 8Page - Xicor Inc. X9314WPI3 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
X9314
4
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation
of the device at these or any other conditions above
those listed in the operational sections of this specifica-
tion is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
ANALOG CHARACTERISTICS
Electrical Characteristics
End-to-End Resistance Tolerance .....................
±20%
Power Rating at 25
°C
X9314W ...................................................... 10mW
Wiper Current ............................................
±1mA Max.
Typical Wiper Resistance ......................... 40
Ω at 1mA
Typical Noise .......................... < –120dB/
Hz Ref: 1V
Relative Variation
Relative variation is a measure of the error in step size
between taps = log(Vw(n)) – log(Vw(n-1)) = 0.07±0.003 for
tap n = 2 – 31
Temperature Coefficient
(–40
°C to +85°C)
X9314W ..................................... +600 ppm/
°C Typical
Ratiometric Temperature Coefficient ............
±20 ppm
Wiper Adjustability
Unlimited Wiper Adjustment (Non-Store operation)
Wiper Position Store Operations ............. 100,000
Data Changes
Physical Characteristics
Marking Includes
Manufacturer’s Trademark
Resistance Value or Code
Date Code
Typical Electrical Taper
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias .................. –65
°C to +135°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on
CS, INC, U/D and VCC
with Respect to VSS ............................... –1V to +7V
Voltage on VH and VL
Referenced to VSS ................................. –8V to +8V
∆V = |VH–VL|
X9314W .......................................................... 10V
Lead Temperature (Soldering 10 seconds) ....... 300
°C
Wiper Current .....................................................
±1mA
100.0%
90.0%
80.0%
70.0%
60.0%
50.0%
40.0%
30.0%
20.0%
10.0%
0.0%
Tap
6427 ILL F06


Similar Part No. - X9314WPI3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9314WPI INTERSIL-X9314WPI Datasheet
233Kb / 9P
   Terminal Voltage -5V, 32 Taps, Log Taper
X9314WPI INTERSIL-X9314WPI Datasheet
216Kb / 9P
   Single Digitally Controlled Potentiometer
More results

Similar Description - X9314WPI3

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9312 XICOR-X9312 Datasheet
50Kb / 9P
   E2POT??Nonvolatile Digital Potentiometer
X9C102 XICOR-X9C102 Datasheet
83Kb / 15P
   E2POT??Nonvolatile Digital Potentiometer
X9313 XICOR-X9313 Datasheet
50Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9241 XICOR-X9241 Datasheet
76Kb / 16P
   Quad E2POT??Nonvolatile Digital Potentiometer
X9221 XICOR-X9221 Datasheet
65Kb / 14P
   Dual E2POT??Nonvolatile Digital Potentiometer
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
logo
Maxim Integrated Produc...
DS4301 MAXIM-DS4301 Datasheet
155Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
logo
Xicor Inc.
X9316 XICOR-X9316 Datasheet
68Kb / 12P
   E 2 POT??Nonvolatile Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com