Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM9563GM Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SSM9563GM
Description  P-channel Enhancement-mode Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SSM9563GM Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SSM9563GM Datasheet HTML 1Page - Silicon Standard Corp. SSM9563GM Datasheet HTML 2Page - Silicon Standard Corp. SSM9563GM Datasheet HTML 3Page - Silicon Standard Corp. SSM9563GM Datasheet HTML 4Page - Silicon Standard Corp. SSM9563GM Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.SiliconStandard.com
1 of 5
P-channel Enhancement-mode Power MOSFET
BVDSS
-40V
RDS(ON)
40m
I D
-6A
The SSM9563GM acheives fast switching performance
with low gate charge without a complex drive circuit. It
is suitable for low voltage applications such as DC/DC
Pb-free; RoHS-compliant SO-8
PRODUCT SUMMARY
DESCRIPTION
Notes:
1.Pulse width must be limited to avoid exceeding the maximum junction temperature of 150°C.
2.Pulse width <300us, duty cycle <2%.
3.Mounted on a square inch of copper pad on FR4 board; 125°C/W when mounted on the minimum pad area required for soldering.
converters and general load-switching circuits.
The SSM9563GM is supplied in an RoHS-compliant
SO-8 package, which is widely used for medium power
commercial and industrial surface mount applications.
S
S
S
G
D
D
D
D
SO-8
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Units
VDS
VGS
V
ID
IDM
A
PD
W/°C
TSTG
TJ
Symbol
Parameter
Value
Units
RΘJA
Maximum thermal resistance, junction-ambient
3
50
°C/W
Drain-source voltage
-40
V
Gate-source voltage
±25
Continuous drain current
3, TC = 25°C
-6
A
TC = 70°C
-4.8
A
Pulsed drain current
1
-30
Total power dissipation, TC = 25°C
2.5
W
-55 to 150
°C
Operating junction temperature range
-55 to 150
°C
Linear derating factor
0.02
THERMAL CHARACTERISTICS
Storage temperature range
SSM9563GM
9/26/2006 Rev.3.01


Similar Part No. - SSM9563GM

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SSM9563GM VBSEMI-SSM9563GM Datasheet
1Mb / 9P
   P-Channel 40 V (D-S) MOSFET
More results

Similar Description - SSM9563GM

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com