Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9511WSM Datasheet(PDF) 9 Page - Xicor Inc.

Part # X9511WSM
Description  PushPot O Potentiometer (Push Button Controlled)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9511WSM Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X9511WSM Datasheet HTML 2Page - Xicor Inc. X9511WSM Datasheet HTML 3Page - Xicor Inc. X9511WSM Datasheet HTML 4Page - Xicor Inc. X9511WSM Datasheet HTML 5Page - Xicor Inc. X9511WSM Datasheet HTML 6Page - Xicor Inc. X9511WSM Datasheet HTML 7Page - Xicor Inc. X9511WSM Datasheet HTML 8Page - Xicor Inc. X9511WSM Datasheet HTML 9Page - Xicor Inc. X9511WSM Datasheet HTML 10Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
X9511
9
PACKAGING INFORMATION
0.150 (3.80)
0.158 (4.00)
0.228 (5.80)
0.244 (6.20)
0.014 (0.35)
0.019 (0.49)
PIN 1
PIN 1 INDEX
0.010 (0.25)
0.020 (0.50)
0.050 (1.27)
0.188 (4.78)
0.197 (5.00)
0.004 (0.19)
0.010 (0.25)
0.053 (1.35)
0.069 (1.75)
(4X) 7
°
0.016 (0.410)
0.037 (0.937)
0.0075 (0.19)
0.010 (0.25)
0
° – 8°
X 45
°
3926 FHD F22.1
8-LEAD PLASTIC SMALL OUTLINE GULL WING PACKAGE TYPE S
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
0.250"
0.050" TYPICAL
0.050"
TYPICAL
0.030"
TYPICAL
8 PLACES
FOOTPRINT


Similar Part No. - X9511WSM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9511WS INTERSIL-X9511WS Datasheet
213Kb / 9P
   Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
X9511WS INTERSIL-X9511WS Datasheet
195Kb / 9P
   Single Push Button Controlled Potentiometer (
X9511WS INTERSIL-X9511WS Datasheet
201Kb / 9P
   The Intersil X9511 is a push button controlled potenti ometer that is ideal for push button controlled resis tance trimming
X9511WS INTERSIL-X9511WS Datasheet
198Kb / 9P
   Linear, 32 Taps, Push Button Controlled, Terminal Voltage ±5V
February 2, 2007
logo
Renesas Technology Corp
X9511WS RENESAS-X9511WS Datasheet
456Kb / 9P
   Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
More results

Similar Description - X9511WSM

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9514 XICOR-X9514 Datasheet
56Kb / 11P
   PushPot??Potentiometer (Push Button Controlled)
logo
Intersil Corporation
ISL23511 INTERSIL-ISL23511_08 Datasheet
407Kb / 10P
   Single Push Button Controlled Potentiometer
X9511 INTERSIL-X9511_07 Datasheet
195Kb / 9P
   Single Push Button Controlled Potentiometer (
ISL22512 INTERSIL-ISL22512 Datasheet
282Kb / 11P
   Single Push Button Controlled Potentiometer XDCP
X9511 INTERSIL-X9511 Datasheet
213Kb / 9P
   Single Digitally-Controlled (XDCP) Potentiometer (Push Button Controlled)
ISL22511 INTERSIL-ISL22511 Datasheet
423Kb / 13P
   Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer Single Push Button Controlled Potentiometer XDCP
logo
Renesas Technology Corp
ISL22511 RENESAS-ISL22511 Datasheet
767Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL23511 RENESAS-ISL23511 Datasheet
740Kb / 11P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 32 Taps, Push Button Controlled Potentiometer
ISL22512 RENESAS-ISL22512 Datasheet
671Kb / 13P
   Single Push Button Controlled Potentiometer (XDCP?? Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
ISL23512 RENESAS-ISL23512 Datasheet
608Kb / 10P
   Single Push Button Controlled Potentiometer (XDCP™) Low Noise, Low Power, 16 Taps, Push Button Controlled Potentiometer
January 21, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com