Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X9313USI Datasheet(PDF) 2 Page - Xicor Inc.

Part # X9313USI
Description  E2POT??Nonvolatile Digital Potentiometer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9313USI Datasheet(HTML) 2 Page - Xicor Inc.

  X9313USI Datasheet HTML 1Page - Xicor Inc. X9313USI Datasheet HTML 2Page - Xicor Inc. X9313USI Datasheet HTML 3Page - Xicor Inc. X9313USI Datasheet HTML 4Page - Xicor Inc. X9313USI Datasheet HTML 5Page - Xicor Inc. X9313USI Datasheet HTML 6Page - Xicor Inc. X9313USI Datasheet HTML 7Page - Xicor Inc. X9313USI Datasheet HTML 8Page - Xicor Inc. X9313USI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
X9313
2
PIN DESCRIPTIONS
VH and VL
The high (VH) and low (VL) terminals of the X9313 are
equivalent to the fixed terminals of a mechanical potenti-
ometer. The minimum voltage is –5V and the maximum is
+5V. It should be noted that the terminology of VL and VH
references the relative position of the terminal in relation
to wiper movement direction selected by the U/
D input and
not the voltage potential on the terminal.
VW
Vw is the wiper terminal, equivalent to the movable
terminal of a mechanical potentiometer. The position
of the wiper within the array is determined by the
control inputs. The wiper terminal series resistance is
typically 40
Ω.
Up/Down (U/
D)
The U/
D input controls the direction of the wiper move-
ment and whether the counter is incremented or
decremented.
Increment (
INC)
The
INC input is negative-edge triggered. Toggling INC
will move the wiper and either increment or decrement
the counter in the direction indicated by the logic level on
the U/
D input.
Chip Select (
CS)
The device is selected when the
CS input is LOW. The
current counter value is stored in nonvolatile memory
when
CS is returned HIGH while the INC input is also
HIGH. After the store operation is complete the X9313
will be placed in the low power standby mode until the
device is selected once again.
PIN CONFIGURATION
PIN NAMES
Symbol
Description
VH
High Terminal
VW
Wiper Terminal
VL
Low Terminal
VSS
Ground
VCC
Supply Voltage
U/
D
Up/Down Input
INC
Increment Input
CS
Chip Select Input
3866 PGM T01
U/D
INC
VCC
CS
3866 ILL F02.2
VH
VSS
VW
VL
1
2
3
4
8
7
6
5
X9313
8-LEAD MSOP
VCC
CS
VL
VW
INC
U/D
VH
VSS
1
2
3
4
8
7
6
5
X9313
8-LEAD DIP/SOIC


Similar Part No. - X9313USI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9313USI INTERSIL-X9313USI Datasheet
276Kb / 11P
   Terminal Voltages -5V, 32 Taps
X9313USI INTERSIL-X9313USI Datasheet
277Kb / 12P
   Digitally Controlled Potentiometer
X9313USI INTERSIL-X9313USI Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9313USI INTERSIL-X9313USI Datasheet
284Kb / 12P
   Linear, 32 Taps, 3 Wire Interface, Terminal Voltages 짹 VCC
X9313USIZ INTERSIL-X9313USIZ Datasheet
276Kb / 11P
   Terminal Voltages -5V, 32 Taps
More results

Similar Description - X9313USI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9314 XICOR-X9314 Datasheet
53Kb / 10P
   E2POT??Nonvolatile Digital Potentiometer
X9312 XICOR-X9312 Datasheet
50Kb / 9P
   E2POT??Nonvolatile Digital Potentiometer
X9C102 XICOR-X9C102 Datasheet
83Kb / 15P
   E2POT??Nonvolatile Digital Potentiometer
X9241 XICOR-X9241 Datasheet
76Kb / 16P
   Quad E2POT??Nonvolatile Digital Potentiometer
X9221 XICOR-X9221 Datasheet
65Kb / 14P
   Dual E2POT??Nonvolatile Digital Potentiometer
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
logo
Maxim Integrated Produc...
DS4301 MAXIM-DS4301 Datasheet
155Kb / 7P
   Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
DS3903 MAXIM-DS3903 Datasheet
619Kb / 11P
   Triple 128-Position Nonvolatile Digital Potentiometer
Rev 0; 6/02
logo
Analog Devices
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
logo
Xicor Inc.
X9316 XICOR-X9316 Datasheet
68Kb / 12P
   E 2 POT??Nonvolatile Digital Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com