Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1001 Datasheet(PDF) 2 Page - Schurter Inc.

Part # 1001
Description  IEC Appliance Inlet C14, Screw-on Mounting, Rear Side, PCB Terminal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

1001 Datasheet(HTML) 2 Page - Schurter Inc.

  1001 Datasheet HTML 1Page - Schurter Inc. 1001 Datasheet HTML 2Page - Schurter Inc. 1001 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image

Connectors (Inlets/Outlets)
00
www.schurter.com/pg07
Connectors
Config. Code
ProductConfigurator
1001
|-|H|-|A|B|C|0-|D|-|E|
Thecharactersareplaceholdersforthecorrespondinglykeysofselectionsfromthekeytables.
1001
|-|H|-|A|B|C|0-|D|-|E| = Type
Type
Configuration
key
protection class 1
X
1001
|-|H|-|A|B|C|0-|D|-|E| = Terminals
Terminal L
Configuration
key
PCB-terminal (standard)
4
1001
|-|H|-|A|B|C|0-|D|-|E| = Terminals
Terminal N
Configuration
key
PCB-terminal (standard)
4
SymbolssimilarasintableA
1001
|-|H|-|A|B|C|0-|D|-|E| = Terminals
Terminal Ground
Configuration
key
PCB-terminal (long)
6
SymbolssimilarasintableA
1001
|-|H|-|A|B|C|0-|D|-|E| = Color
Color
Configuration
key
jet black; RAL9005
A
silver grey; RAL7001
B
pure white; RAL9010
D
standardcolor:black
1001
|-|H|-|A|B|C|0-|D|-|E| = Style
Style
Configuration
key
flange with through holes
2
flange with through holes (special type)
7
Variants
Config. Code
Description
Order Number
1001-X-4460-A-2
1001, IEC Appliance Inlet C14, 70°C, version: 1, L: PCB-terminal (standard), N: PCB-terminal (standard), ground: PCB-terminal
(long), color: jet black; RAL9005, design: flange with through holes
6162.0001
ThelistetvariantsshouldbeavailablefromstockOtherversionsonrequestwww.schurter.com/contact
Packaging unit
50Pcs
Mating Outlets/Connectors
Category / Description
Appliance Outlet Overview complete
IEC Appliance Outlet F, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
4787
IEC Appliance Outlet F, Snap-in Mounting, Front Side, Solder or Quick-connect Terminal
4788
IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder, PCB or Quick-connect Terminal
5091
IEC Appliance Outlet F or H, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
5092
Appliance Outlet further types to 1001
Connector Overview complete
IEC Connector C15, Rewireable, Straight
0101
IEC Connector C15A, Rewireable, Straight
0102
IEC Connector C15A, Rewireable, Straight
0102-G
IEC Connector C15A, Rewireable, Angled
0112
IEC Connector C13, Rewireable, Angled
4012
Connector further types to 1001
...


Similar Part No. - 1001

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
1001 CANDD-1001 Datasheet
360Kb / 1P
   Pulse Transformers
logo
Tyco Electronics
1001 MACOM-1001 Datasheet
50Kb / 1P
   WILMAR??Protective Relays - 1000 Series
logo
Samsung semiconductor
1001-001082 SAMSUNG-1001-001082 Datasheet
1Mb / 43P
   Color Monitor
September 1999
logo
Toshiba Semiconductor
1001-001114 TOSHIBA-1001-001114 Datasheet
5Mb / 70P
   COLOUR TELEVISION
logo
Fairchild Semiconductor
10010 FAIRCHILD-10010 Datasheet
264Kb / 6P
   BCD DECADE COUNTER/4-BIT BINARY COUNTER
More results

Similar Description - 1001

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
8843.ZP30 SCHURTER-8843.ZP30_V01 Datasheet
266Kb / 3P
   IEC Appliance Inlet C14, Screw-on Mounting, Front Side, PCB Terminal
8843.ZP30_1809 SCHURTER-8843.ZP30_1809 Datasheet
266Kb / 3P
   IEC Appliance Inlet C14, Screw-on Mounting, Front Side, PCB Terminal
1601 SCHURTER-1601_21 Datasheet
330Kb / 4P
   IEC Appliance Inlet C20, Screw-on Mounting, Rear Side, PCB Terminal
1601_1809 SCHURTER-1601_1809 Datasheet
331Kb / 4P
   IEC Appliance Inlet C20, Screw-on Mounting, Rear Side, PCB Terminal
1005 SCHURTER-1005 Datasheet
323Kb / 2P
   IEC Appliance Inlet C18, Screw-on Mounting, Rear Side, PCB Terminal
1601 SCHURTER-1601_18 Datasheet
321Kb / 4P
   IEC Appliance Inlet C20, Screw-on Mounting, Rear Side, PCB Terminal
1601 SCHURTER-1601_V01 Datasheet
331Kb / 4P
   IEC Appliance Inlet C20, Screw-on Mounting, Rear Side, PCB Terminal
05.01.2022
1601 SCHURTER-1601 Datasheet
367Kb / 3P
   IEC Appliance Inlet C20, Screw-on Mounting, Rear Side, PCB Terminal
GSP1 SCHURTER-GSP1_18 Datasheet
342Kb / 4P
   IEC Appliance Inlet C14 or C18, Screw-on Mounting, Rear Side, PCB terminals
GSP1 SCHURTER-GSP1_V01 Datasheet
420Kb / 5P
   IEC Appliance Inlet C14 or C18, Screw-on Mounting, Rear Side, PCB terminals
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com