Electronic Components Datasheet Search |
|
X9316WSI3 Datasheet(PDF) 5 Page - Xicor Inc. |
|
X9316WSI3 Datasheet(HTML) 5 Page - Xicor Inc. |
5 / 12 page X9316 5 RECOMMENDED OPERATING CONDITIONS 7000 FRM T02 7000 FRM T03.1 Temperature Min. Max. Commercial 0 °C +70 °C Industrial –40 °C +85 °C Supply Voltage Limits X9316 5V ±10% D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified.) 7000 FRM T04.1 STANDARD PARTS 7000 FRM T05 Notes: (4) Typical values are for TA = 25°C and nominal supply voltage. (5) This parameter is periodically sampled and not 100% tested. Symbol Parameter Limits Units Test Conditions Min. Typ.(4) Max. ICC VCC Active Current (Increment) 50 µA CS = VIL, U/D = VIL or VIH and INC = 0.4V/2.4V @ max. tCYC VCC Active Current (Store) 400 µA ISB Standby Supply Current 1 µA CS = VCC – 0.3V, U/D and INC = VSS or VCC – 0.3V IV+(5) V+ Supply Current 400 µA CS = VIL, U/D = VIL or VIH and INC = 0.4V/2.4V @ max. tCYC IV–(5) V– Supply Current 400 µA CS = VIL, U/D = VIL or VIH and INC = 0.4V/2.4V @ max. tCYC ILI CS, INC, U/D Input Leakage Current ±10 µA VIN = VSS to VCC VIH CS, INC, U/D Input HIGH Voltage 2 VCC + 1 V VIL CS, INC, U/D Input LOW Voltage –1 0.8 V RW Wiper Resistence 100 200 Ω Max. Wiper Current ±1mA VVH VH Terminal Voltage V– V+ V VVL VL Terminal Voltage V– V+ V V+ Analog Positive Power Supply VCC VCC V V– Analog Negative Power Supply –VCC 0 V CIN(5) CS, INC, U/D Input Capacitance 10 pF VCC = 5V, VIN = VSS, TA = 25°C Part Number Maximum Resistance Wiper Increments Minimum Resistance X9316Z 1K Ω 32.3 Ω 100 Ω X9316W 10K Ω 323 Ω 100 Ω |
Similar Part No. - X9316WSI3 |
|
Similar Description - X9316WSI3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |