Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2576 Datasheet(PDF) 3 Page - Schurter Inc.

Part # 2576
Description  IEC Appliance Inlet C8, Screw-on Mounting, Front Side, Solder or Quick-connect or Print Terminal
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

2576 Datasheet(HTML) 3 Page - Schurter Inc.

  2576 Datasheet HTML 1Page - Schurter Inc. 2576 Datasheet HTML 2Page - Schurter Inc. 2576 Datasheet HTML 3Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image

Connectors (Inlets/Outlets)
2576
www.schurter.com/pg07
Connectors
Accessories
Description
Assorted Covers
Rear Cover
Mating Outlets/Connectors
Category / Description
Power Cord Overview complete
Power Cord with IEC Connector C7, Straight 70°C
2510
Power Cord with IEC Connector C7, Angled
2511
Power Cord with IEC Plug C7, Angled
2514
Power Cord with IEC Connector C7, Straight 70°C
4810
Power Cord further types to 2576
Thespecifications,descriptionsandillustrationsindicatedinthisdocumentarebasedon
currentinformation.Allcontentissubjecttomodificationsandamendments.


Similar Part No. - 2576

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
2576 NSC-2576 Datasheet
396Kb / 16P
   5-Amp Adjustable Regulators
logo
Schurter Inc.
2576 SCHURTER-2576 Datasheet
344Kb / 4P
   IEC Appliance Inlet C8, screw-on mounting front or rear, solder or quick-connect or PCB terminal
2576 SCHURTER-2576 Datasheet
343Kb / 4P
   IEC Appliance Inlet C8, screw-on mounting front or rear, solder or quick-connect or PCB terminal
2576 SCHURTER-2576 Datasheet
343Kb / 4P
   IEC Appliance Inlet C8, screw-on mounting front or rear, solder or quick-connect or PCB terminal
05.01.2022
logo
I-PEX Inc.
2576-020 I-PEX-2576-020 Datasheet
298Kb / 2P
   CABLINE®-VS 0.5mm Pitch Horizontal Type
2010/05R4
More results

Similar Description - 2576

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
2571 SCHURTER-2571_21 Datasheet
281Kb / 3P
   IEC Appliance Inlet C8, Screw-on Mounting, Front Side, Solder or Quick-connect or Print Terminal
2571 SCHURTER-2571 Datasheet
381Kb / 3P
   IEC Appliance Inlet C8, Screw-on Mounting, Front Side, Solder or Quick-connect or Print Terminal
2571_1810 SCHURTER-2571_1810 Datasheet
282Kb / 3P
   IEC Appliance Inlet C8, Screw-on Mounting, Front Side, Solder or Quick-connect or Print Terminal
2571 SCHURTER-2571_18 Datasheet
272Kb / 3P
   IEC Appliance Inlet C8, Screw-on Mounting, Front Side, Solder or Quick-connect or Print Terminal
2571 SCHURTER-2571_V01 Datasheet
282Kb / 3P
   IEC Appliance Inlet C8, Screw-on Mounting, Front Side, Solder or Quick-connect or Print Terminal
05.01.2022
2573 SCHURTER-2573 Datasheet
374Kb / 3P
   IEC Appliance Inlet C8, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
2574 SCHURTER-2574_13 Datasheet
307Kb / 2P
   IEC Appliance Inlet C8, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
2574 SCHURTER-2574 Datasheet
324Kb / 2P
   IEC Appliance Inlet C8, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
2577 SCHURTER-2577 Datasheet
370Kb / 3P
   IEC Appliance Inlet C8 polarized, Screw-on Mounting, Front Side, Solder or Quick-connect Terminal
2573 SCHURTER-2573_21 Datasheet
418Kb / 5P
   IEC Appliance Inlet C8, Screw-on or Rivet Mounting, Front Side, Solder, PCB or Quick-connect Terminal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com