Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2705 Datasheet(PDF) 1 Page - Schurter Inc.

Part # 2705
Description  Interconnection Cord with IEC Plug A, Angled
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

2705 Datasheet(HTML) 1 Page - Schurter Inc.

  2705 Datasheet HTML 1Page - Schurter Inc. 2705 Datasheet HTML 2Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image

Cord Sets
2705
www.schurter.com/pg07_2
Connectors
Interconnection Cord with IEC Plug A, Angled
A
70° C
Description
Interconnection Cord, Protection class I, Pin temperature 70 °C, Cable
Approvals
- VDE License Number: 115739
- UL License Number: E45116
- CSA License Number: 1020530
References
General Product Information
Weblinks
Approvals, RoHS, CHINA-RoHS, Mating Connectors, e-Store,
Distributor-Stock-Check, Accessories
Technical Data
Ratings IEC
2.5 A / 250 VAC; 50 Hz
Ratings UL/CSA
2.5 A / 250 VAC; 60 Hz
Dielectric Strength
> 4 kVDC between L-N
> 2 kVAC between L/N-PE
(1 min/50 Hz)
Allowable Operation Temp.
-25 °C to 70 °C
Degree of Protection
from front side IP 20 acc. to IEC 60529
Protection Class
Suitable for appliances with protection
class 1 acc. to IEC 61140
Terminal
moulded
Material: Housing
PVC, black or grey
Plug
A acc. to IEC/EN 60320-1
UL 498, CSA C22.2 no. 42 (for cold
conditions) pin-temperature 70 °C,
2.5 A, Protection Class 1
Dimensions
37.2 mm
25
37.2


Similar Part No. - 2705

ManufacturerPart #DatasheetDescription
logo
Heyco.
2705 HEYCO-2705 Datasheet
89Kb / 1P
   Stock and Custom* Colors for Dome Plugs and Shorty Plugs
logo
Weidmuller
2705000000 WEIDMULLER-2705000000 Datasheet
154Kb / 4P
   Network switch, unmanaged, Gigabit Ethernet
November 4, 2021
logo
Integrated Technology F...
270503B ITF-270503B Datasheet
189Kb / 5P
   SAW Bandpass Filter
logo
PHOENIX CONTACT
27050400 PHOENIX-27050400 Datasheet
333Kb / 4P
   Battery/accumulator - BL2 BPC 1500 RTC BATTERY
27050403 PHOENIX-27050403 Datasheet
333Kb / 4P
   Battery/accumulator - BL2 BPC 1500 RTC BATTERY
More results

Similar Description - 2705

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0607 SCHURTER-0607 Datasheet
388Kb / 3P
   Interconnection Cord with IEC Plug E, Angled
0608 SCHURTER-0608 Datasheet
417Kb / 3P
   Interconnection Cord with IEC Plug E, Angled
2712 SCHURTER-2712 Datasheet
322Kb / 2P
   Interconnection Cord with IEC Plug C, Angled
2711 SCHURTER-2711 Datasheet
326Kb / 2P
   Interconnection Cord with IEC Plug C, Angled 70째C
2706 SCHURTER-2706 Datasheet
287Kb / 2P
   Interconnection Cord with IEC Plug A without Earth Contact, Angled
408B SCHURTER-408B Datasheet
303Kb / 2P
   Interconnection Cord with Plug "G-Horizontal", Angled
6007.0204 SCHURTER-6007.0204 Datasheet
283Kb / 3P
   IEC Interconnection Cord with IEC plug stripped end
0407 SCHURTER-0407 Datasheet
262Kb / 2P
   Interconnection Cord with Plug "E-Horizontal", Angled
407B SCHURTER-407B Datasheet
298Kb / 2P
   Interconnection Cord with Plug "G-Horizontal", Angled
0408 SCHURTER-0408 Datasheet
290Kb / 2P
   Interconnection Cord with Plug "E-Horizontal", Angled
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com