Electronic Components Datasheet Search |
|
CCR1120RJP Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd. |
|
CCR1120RJP Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd. |
3 / 3 page How to Order 1/2W 120R K CCR P 03 of 03 Part Number: CCR Rated Power (W) Resistance Value (Ω) Resistance Tolerance (%) Code Resistance Tolerance J ±5% K ±10% Package Performance Description Performance Requirements Test Method Resistance Temperature Coefficient Resistance Range Maximum Resistance Value Change % Test Temperature +20°C /-40°C /+20°C /+100°C /+20°C -40~+20°C +20~+100°C <1KΩ ±6.5% ±5.0% 1.1KΩ ~10KΩ ±10% ±6.0% 11KΩ ~100KΩ ±13% ±7.5% 11KΩ ~1MΩ ±15% ±10% 1.1MΩ ~10MΩ ±20% ±15% >11MΩ ±25% ±20% Short-time Overload Δ R≤±2.5% Rate Voltage*2.5 or maximun overload voltage (the lower)5sec. With Standing Voltage No flashover or breakdown 2times maxium working voltage 1 minute Terminal Strength Pulled ΔR≤±2% No visible damage Load 10N 10s Winded Load 10N 4*90° Twisted 3*360° in opposite direction Resistance to vibration No visible damage 10~50Hz 3 direction 2 hours each Solder-heat Resistance ΔR≤±5% Marks legible,no visible damage 350°C 4mm from the body,3 seconds Solderability At least 95% if the dipping surface must be covered by new solder,no flaws gathered. 235°C 2mm from the body,2 seconds Temperature Cycle ΔR≤±2% No visible damage -40°C(30min.)/85°C(30min.)5 cycles Humidity ΔR≤±10% No visible damage 40°C 95% RH 240 hours Load Life ΔR≤±10% No visible damage,marks legible Rated voltage or maximum working voltage, 1.5 hours on, 0.5 hours off, 40°C 1000 hours Code Resistance Value 2R2 2.2Ω 120R 120Ω 1M2 1.2MΩ 22M 22MΩ Code Package P Bulk Version 2010 CCR Carbon Composition Resistors Back to 1st Page - Carbon Composition Resistors (CCR) TOKEN http://www.token.com.tw/ rfq token.com.tw |
Similar Part No. - CCR1120RJP |
|
Similar Description - CCR1120RJP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |