Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6.0MBP Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # LT6.0MBP
Description  LT MB Ceramic Filters for TV/VCR Stage
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LT6.0MBP Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  LT6.0MBP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. LT6.0MBP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. LT6.0MBP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
02 of 03
LT MB Ceramic Filters for TV/VCR Stage
Dimensions
FM Receiver (Murata SFE10M7 FM-IF Compatible) Technical Characteristics
5.0max
10.0max
LT6.5MB
0.5±0.1
0.3±0.1
2.5±0.3
2.5±0.3
Input
Ground
Output
Frequency(MHz)
LT4.5MB
0
10
20
30
4.1 4.3 4.5 4.7 4.9
Part
Number
Nominal
Center Frquency
(fo) (MHz)
3dB
Band Width
(kHz) min
20dB
Band Width
(kHz) max
Insert
Loss
(dB) max
Spurious
Attenuation
(dB) min
Input/Output
Impedance
(Ω)
LT4.5MB
4.500
fo±60
530
6.0
20(4.5
MHz)
1000
LT5.5MB
5.500
fo±75
550
6.0
25(5.5±1MHz)
600
LT6.0MB
6.000
fo±80
600
6.0
25(6.0±1MHz)
470
LT6.5MB
6.500
fo±80
630
6.0
25(6.5+1MHz)
30(6.5-1MHz)
470
+0.8
-1.0
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - LT6.0MBP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LT6.0MB ETC2-LT6.0MB Datasheet
140Kb / 1P
   CERAMIC FOR FILTER TV/VTR
logo
Transko Electronics, In...
LT6.0MB TRANSKO-LT6.0MB Datasheet
370Kb / 1P
   CERAMIC FILTER (MHz band, 3pins)
Rev. 1: Jul. 2014
More results

Similar Description - LT6.0MBP

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
XT3.58MBP TOKEN-XT3.58MBP Datasheet
429Kb / 15P
   CERAMIC TRAP FILTERS Ceramic Trap For TV/VCR Stage
LTT4.5MA TOKEN-LTT4.5MA Datasheet
304Kb / 3P
   LTT MA Ceramic Filters for TV/VCR Stage
LTCS10.7MS2TR TOKEN-LTCS10.7MS2TR Datasheet
921Kb / 48P
   Filters for FM ,TV/VCR Stage, Communication
logo
Oscilent Corporation
772-0045 OSCILENT-772-0045 Datasheet
140Kb / 2P
   Ceramic Series For TV / VCR
753-39.5M-A OSCILENT-753-39.5M-A Datasheet
130Kb / 2P
   Ceramic Trap For TV/VCR
760-0107-FP OSCILENT-760-0107-FP Datasheet
139Kb / 2P
   For TV / VCR
773-0065 OSCILENT-773-0065 Datasheet
140Kb / 2P
   For TV / VCR
751-0035 OSCILENT-751-0035 Datasheet
141Kb / 2P
   Ceramic XT Trap For TV/VCR
753-4725M-A OSCILENT-753-4725M-A Datasheet
130Kb / 2P
   For TV / VCR
logo
Murata Manufacturing Co...
MKTGA30M0AALP00B05 MURATA-MKTGA30M0AALP00B05 Datasheet
102Kb / 4P
   Traps for TV/VCR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com