Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JTM455C50P Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # JTM455C50P
Description  JTM Ceramic Discriminators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

JTM455C50P Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  JTM455C50P Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. JTM455C50P Datasheet HTML 2Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
01 of 02
JTM Ceramic Discriminators
Ceramic Discriminator
for Communication
JTM Ceramic Discriminator for Communication
(Murata CDB/CDBC/CDBM Compatible)
Preview
JTM For Communication consists of wide band piezoelectric resonator. It is ideal for mobile communication
equipment due to its small size and light weight. Standard line includes products for a wide range of applications,
from cordless telephones to cellular telephones, making non-adjustment and shrinking of the detection circuit
possible.
Token JTM including features with small in size and lightweight, realize non-adjustment in detection circuit,
high sensitivity and stability, wide range of standard products are available for various ICs, operating temperature
range: -20°C to +80°C and storage temperature range: -40°C to +85°C.
Characteristics :
1. Dimensions: (6.0 x 6.0 x 3.0) Unit: mm.
2. Storage temperature range: -40°C to +85°C.
3. Operating temperature range: -20°C to +80°C.
4. Center Frequency: 455±2 (kHz), 447.5±1.5 (kHz), 429.0±2.0 (kHz).
5. Available IC: CXA1483M, CXA1484, CXA1184M, CXA3117N, LA8610, NE605, MC3371,
TA31136, TA31142, TA31143, TA31147, TA8104, TA8103F.
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - JTM455C50P

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
JTM-2A-1000B MERRIMAC-JTM-2A-1000B Datasheet
118Kb / 1P
   QUADRAPHASE MODULATORS
JTM-2A-10B MERRIMAC-JTM-2A-10B Datasheet
118Kb / 1P
   QUADRAPHASE MODULATORS
JTM-2A-200B MERRIMAC-JTM-2A-200B Datasheet
118Kb / 1P
   QUADRAPHASE MODULATORS
logo
XP Power Limited
JTM20 XPPOWER-JTM20 Datasheet
319Kb / 2P
   20 Watts JTM Series
JTM2024D05 XPPOWER-JTM2024D05 Datasheet
74Kb / 2P
   DC-DC Power Supplies
More results

Similar Description - JTM455C50P

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CDBKB455KCLX36-R0 MURATA1-CDBKB455KCLX36-R0_V01 Datasheet
265Kb / 3P
   Ceramic Discriminators
10/18/2022
logo
TOKO, Inc
CDA455C7 TOKO-CDA455C7 Datasheet
160Kb / 1P
   AM Ceramic Discriminators
logo
Token Electronics Indus...
JTCV10.7MG3TR TOKEN-JTCV10.7MG3TR Datasheet
324Kb / 4P
   JTCV10.7M Chip Ceramic Discriminators
JTC455C24TR TOKEN-JTC455C24TR Datasheet
287Kb / 2P
   JTC Chip Ceramic Discriminators
logo
Murata Manufacturing Co...
CDBKB455KCAY09-R0 MURATA-CDBKB455KCAY09-R0 Datasheet
1Mb / 78P
   Ceramic Discriminators for Communications Equipment
CFUKG455KE4A-R0 MURATA-CFUKG455KE4A-R0 Datasheet
1Mb / 78P
   Ceramic Discriminators for Communications Equipment
logo
Token Electronics Indus...
JT10.7MG3AP TOKEN-JT10.7MG3AP Datasheet
324Kb / 4P
   JT10.7M Ceramic Discriminators for FM
logo
Murata Manufacturing Co...
CFULA455KB2A-B0 MURATA-CFULA455KB2A-B0 Datasheet
224Kb / 16P
   Ceramic Filters (CERAFIL짰)/Ceramic Discriminators for Communications Equipment
logo
TOKO, Inc
ECDA455C16 TOKO-ECDA455C16 Datasheet
186Kb / 1P
   AM Ceramic Discriminators for Surface Mounting
logo
XP Power Limited
JTM20 XPPOWER-JTM20 Datasheet
319Kb / 2P
   20 Watts JTM Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com