Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JT10.7MG18CP Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # JT10.7MG18CP
Description  JT10.7M Ceramic Discriminators for FM
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

JT10.7MG18CP Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  JT10.7MG18CP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. JT10.7MG18CP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. JT10.7MG18CP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. JT10.7MG18CP Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Test Circuit
03 of 04
Vcc=3V
TA8122AN
DC OUT AF OUT
330p
270Ω
1K 2.2µ
0.1µ
24K
24
23 22 21 20 19 18 17 16 15 14
13
1
2
3 4
5
6
7
8
9 10 11 12
22µ
0.022µ
0.022µ
LT10.7MA19
JT10.7MG16
LF IN
JT10.7MG
16
V
CC=3V
0.022µ
22µ
LT10.7MA19
270Ω
IF IN
0.022µ
V
CC=3V
JT10.7MG18
1K
DC OUT
AF OUT
2.2µ
0.033µ
330p
21K
0.1µ
24
23
22
21
20
19
18
17
16 15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
TA8132N ( TOSHIBA )
JTCV 10.7MG
18
Vcc=12V
Input
Output
TA7303P
0.01µ
10µ
330Ω
280Ω
Rg=50Ω
FM
S.S.G
.
5
2
3
1
7 8
9
6
+ _
JT10.7MG
3
JT10.7M Ceramic Discriminators for FM
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - JT10.7MG18CP

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
JT10.7MG18 LUGUANG-JT10.7MG18 Datasheet
144Kb / 6P
   Ceramics discriminator for FM receiver
logo
Yuechung International ...
JT10.7MG18 YIC-JT10.7MG18 Datasheet
493Kb / 1P
   LTCS10.7 Ssries of ceramic filter SMD Type 10.7MHz
More results

Similar Description - JT10.7MG18CP

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
CDBKB455KCLX36-R0 MURATA1-CDBKB455KCLX36-R0_V01 Datasheet
265Kb / 3P
   Ceramic Discriminators
10/18/2022
logo
Murata Manufacturing Co...
CDBKB455KCAY09-R0 MURATA-CDBKB455KCAY09-R0 Datasheet
1Mb / 78P
   Ceramic Discriminators for Communications Equipment
logo
Token Electronics Indus...
JTM455C24P TOKEN-JTM455C24P Datasheet
275Kb / 2P
   JTM Ceramic Discriminators
logo
Murata Manufacturing Co...
CFUKG455KE4A-R0 MURATA-CFUKG455KE4A-R0 Datasheet
1Mb / 78P
   Ceramic Discriminators for Communications Equipment
logo
TOKO, Inc
CDA455C7 TOKO-CDA455C7 Datasheet
160Kb / 1P
   AM Ceramic Discriminators
logo
Murata Manufacturing Co...
CFULA455KB2A-B0 MURATA-CFULA455KB2A-B0 Datasheet
224Kb / 16P
   Ceramic Filters (CERAFIL짰)/Ceramic Discriminators for Communications Equipment
logo
TOKO, Inc
ECDA455C16 TOKO-ECDA455C16 Datasheet
186Kb / 1P
   AM Ceramic Discriminators for Surface Mounting
logo
Token Electronics Indus...
JTCV10.7MG3TR TOKEN-JTCV10.7MG3TR Datasheet
324Kb / 4P
   JTCV10.7M Chip Ceramic Discriminators
JTC455C24TR TOKEN-JTC455C24TR Datasheet
287Kb / 2P
   JTC Chip Ceramic Discriminators
logo
List of Unclassifed Man...
LT10.7MA20 ETC2-LT10.7MA20 Datasheet
118Kb / 1P
   CERAMIC FILTER FOR FM RADIO
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com