Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCN0610R100JTR Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # RCN0610R100JTR
Description  FCR, RCA, RCN Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RCN0610R100JTR Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  RCN0610R100JTR Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RCN0610R100JTR Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RCN0610R100JTR Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RCN0610R100JTR Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. RCN0610R100JTR Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. RCN0610R100JTR Datasheet HTML 6Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
03 of 06
FCR Series Electrical Specifications
RCA Series Electrical Specifications
Type
Power
Ratingat 70°C
Max.
RCWV
Max. Overload
Voltage
Resistance
Tolerance(%)
Resistance Range (Ω)
Standard
ResistanceValues
Min.
Max.
FCR 03
1/10W
50V
100V
± 1% (F)
± 5% (J)
10Ω
1MΩ
10MΩ
E-96
E-24
FCR 05
1/8W
150V
300V
± 1% (F)
± 5% (J)
10Ω
1MΩ
10MΩ
E-96
E-24
FCR 06
1/4W
200V
300V
± 1% (F)
± 5% (J)
10Ω
1MΩ
10MΩ
E-96
E-24
RCN Series Electrical Specifications
Type
Rated
Power
at70°C
Max.
Working
Voltage
Max.
Overload
Voltage
T.C.R.
(ppm/°C)
Resistance Range
Jumper
Rated
Current
Jumper
Resistance
Value
Operating
Temperature
Range
F(±1%)
E-96
G(±2%)
J(±5%)
E-24
RCA03-4D
(0603)
0.063
50V
100V
± 200
100Ω~470KΩ 10Ω~1MΩ
1A
50mΩ
MAX
-55°C~+125°C
Type
Rated
Power
at70°C
Max.
Working
Voltage
Max.
Overload
Voltage
T.C.R.
(ppm/°C)
Resistance
Range
Number of
Terminals
Number
of
Elements
Operating
Temperature
Range
J (±5%) E-12
RCN06-10R
RCN06-10S 1/16W
50V
100V
±200
10Ω~1MΩ
10
8
-55°C~+125°C
Version 2010
FCR, RCA, RCN Chip Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - RCN0610R100JTR

ManufacturerPart #DatasheetDescription
logo
Rohm
RCN02 ROHM-RCN02 Datasheet
60Kb / 3P
   Resistors Chip type attenuator
RCN02 ROHM-RCN02 Datasheet
77Kb / 3P
   Chip Attenuators
RCN02M1PPEA35001 ROHM-RCN02M1PPEA35001 Datasheet
60Kb / 3P
   Resistors Chip type attenuator
RCN02M1PPEA35001 ROHM-RCN02M1PPEA35001 Datasheet
77Kb / 3P
   Chip Attenuators
RCN02M1PPEA35002 ROHM-RCN02M1PPEA35002 Datasheet
60Kb / 3P
   Resistors Chip type attenuator
More results

Similar Description - RCN0610R100JTR

ManufacturerPart #DatasheetDescription
logo
RFE international
RCNR34-04DR-1K0-J RFE-RCNR34-04DR-1K0-J Datasheet
89Kb / 1P
   SURFACE MOUNT RCN Series: Networks & Arrays RESISTORS
logo
Pomona Electronics
6880 POMONA-6880 Datasheet
90Kb / 1P
   RCA Jack, RCA Plug
logo
Switchcraft, Inc.
RCA05RCA SWITCH-RCA05RCA Datasheet
309Kb / 2P
   RCA PLUG TO RCA PLUG, RoHS
RCA10RCAB SWITCH-RCA10RCAB Datasheet
309Kb / 2P
   RCA PLUG TO RCA PLUG, RoHS
logo
Bourns Electronic Solut...
CR0603 BOURNS-CR0603 Datasheet
186Kb / 5P
   Chip Resistors
CR2512-LF BOURNS-CR2512-LF Datasheet
287Kb / 2P
   Chip resistors
logo
Switchcraft, Inc.
RCA10RCA SWITCH-RCA10RCA Datasheet
309Kb / 2P
   RCA PLUG TO RCA PLUG, RoHS
logo
Bourns Electronic Solut...
CR2010 BOURNS-CR2010 Datasheet
196Kb / 2P
   Chip Resistors
CHPREZTR BOURNS-CHPREZTR_14 Datasheet
260Kb / 5P
   Chip Resistors
CRM0805-FX-R100ELF BOURNS-CRM0805-FX-R100ELF Datasheet
300Kb / 3P
   Chip Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com