Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRC10JTRKA0M75 Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # LRC10JTRKA0M75
Description  LRC Current Strip Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LRC10JTRKA0M75 Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  LRC10JTRKA0M75 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. LRC10JTRKA0M75 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. LRC10JTRKA0M75 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. LRC10JTRKA0M75 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. LRC10JTRKA0M75 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
04 of 05
Surface Mount (LRC) Emboss Plastic Tape Specifications
Top Tape
Resistor
Emboss Tape
A
B
Φ D0
P1 P2 P0
F
E
W
direction of unreeling
Φ D1
T
Size
Resistance
(mΩ)
A
B
W
E
F
P0
P1
P2
ΦD0
ΦD0
T
LRC12
0.50~7
3.40±0.1 6.73±0.1 12.0±0.1 1.75±0.1 5.5±0.05 4.0±0.1 4.00±0.1 2.0±0.05 1.50±0.10 1.4min 0.81±0.1
0.50~15 3.40±0.1 6.75±0.1 12.0±0.1 1.75±0.1 5.5±0.05 4.0±0.1 4.00±0.1 2.0±0.05 1.55±0.05 1.4min 0.80±0.1
LRC10
1~10
2.85±0.1 5.55±0.1 12.0±0.2 1.75±0.1 5.5±0.05 4.0±0.1 4.00±0.1 2.0±0.05 1.55±0.05 1.4min 0.85±0.1
LRC06
1~10
1.90±0.1 3.60±0.1 8.0±0.2 1.75±0.1 3.5±0.05 4.0±0.1 4.00±0.1 2.0±0.05 1.55±0.05 1.0min 0.87±0.1
Notice: 1. The cumulative tolerance of 10 sprocket hole pitch is ±0.2mm.
2. Carrier camber shall be not more than 1mm per 100mm through a length of 250mm.
3. A & B measured 0.3mm from the bottom of the packet.
4. t measured at a point on the inside bottom of the packet to the top surface of the carrier.
5. Pocket position relative to sprocket hole is measured as the true position of the pocket and not the pocket hole.
Low Ohmic (LRC) Environmental Characteristics
Item
Specification
Test Method
Black coating Green coating
Temperature Coefficient
of Resistance
As Spec.
MIL-STD-202 Method 304
+25/-30/+25/+130/+25°C
Thermal Shock
±0.5%+0.5mΩ
±1%
MIL-STD-202 Method 107G
-55°C~150°C, 100 cycles
Short Time Overload
±0.5%+0.5mΩ
±1%
JIS-C-5202-5.5
RCWV*2.5 or Max Overloading Voltage, 5 seconds
Resistance to Dry Heat
±1%+0.5mΩ
±1%
JIS-C-5202-7.2
96 hours @ +125°C without load
Load Life
±1%+0.5mΩ
±1%
MIL-STD-202 M108
RCWV, 70°C, 1.5 hours on, 0.5 hours off 1000~1048
hours
Resistance to Soldering
Heat
±0.5%+0.5mΩ
±1%
MIL-STD-202F Method 210E
260±5°C, 10±1second
Solderability
95%min coverage
MIL-STD-202F Method 210E
260±5°C, 2±0.5second
Remark: Green coating can’t be work with wave soldering bath. Humidity < 80%RH; Storage Temperature: 25±3°C
LRC Current Strip Chip Resistors
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - LRC10JTRKA0M75

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LRC10JTRKA0M75G TOKEN-LRC10JTRKA0M75G Datasheet
943Kb / 12P
   Metal Strip Chip Current Sense Resistor
More results

Similar Description - LRC10JTRKA0M75

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRG2512 BOURNS-CRG2512 Datasheet
746Kb / 3P
   Metal Strip Current Sense Chip Resistors
08/22
logo
KOA Speer Electronics, ...
SL2TTE KOA-SL2TTE Datasheet
177Kb / 6P
   Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSR NIC-NCSR Datasheet
484Kb / 5P
   Current Sensing Chip Resistors
logo
List of Unclassifed Man...
TS-16949 ETC2-TS-16949 Datasheet
613Kb / 6P
   Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSS NIC-NCSS Datasheet
92Kb / 6P
   Current Sensing Chip Resistors
logo
Bourns Electronic Solut...
CRF0805 BOURNS-CRF0805 Datasheet
265Kb / 1P
   Current Sensing Chip Resistors
logo
KOA Speer Electronics, ...
TSL1TTE KOA-TSL1TTE Datasheet
98Kb / 6P
   Current Detecting Chip Resistors
logo
NIC-Components Corp.
NCSP NIC-NCSP Datasheet
119Kb / 2P
   Current Sensing Chip Resistors
NCST NIC-NCST Datasheet
176Kb / 6P
   Current Sensing Chip Resistors
logo
American Accurate Compo...
CRL10R020JNM AAC-CRL10R020JNM_17 Datasheet
269Kb / 1P
   CURRENT SENSING CHIP RESISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com