Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA6C12.000MTR Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # TA6C12.000MTR
Description  Ceramic Housed Crystal Resonators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TA6C12.000MTR Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  TA6C12.000MTR Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TA6C12.000MTR Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TA6C12.000MTR Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TA6C12.000MTR Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TA6C12.000MTR Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Recommended Land Pattern
L6
L8
L6
L8
TA7C/6C/5C/4C
RECOMMENDED LAND PATTERN
TA7CA/6CA/5CA/4CA
Recommended Land Pattern
03 of 05
230 oC
Pre-heating
Within
20~40s
Time(s)
Peak:260 oC max
10s max
250 oC
150 oC
100 oC
30s min
Within
80~120s
RECOMMENDED REFLOW SOLDERING
STANDARD CONDITIONS
Test Condition Of Peeling Strength
0.196N~0.686N
10o MAX
Carrier Tape
Top Tape
Puling Direction
Peeling strength
TA7C/6C/5C/4C Crystal Resonators
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TA6C12.000MTR

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TA6C12.000MTR TOKEN-TA6C12.000MTR Datasheet
495Kb / 13P
   CERAMIC CRYSTAL RESONATORS
More results

Similar Description - TA6C12.000MTR

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
TA6C12.000MTR TOKEN-TA6C12.000MTR Datasheet
495Kb / 13P
   CERAMIC CRYSTAL RESONATORS
logo
Murata Manufacturing Co...
CSTCR4M16G55001-R0 MURATA1-CSTCR4M16G55001-R0_V01 Datasheet
266Kb / 2P
   Ceramic Resonators/Crystal Units/MEMS Resonators
12/28/2022
CSTLS16M0X53Z-B0 MURATA1-CSTLS16M0X53Z-B0_V01 Datasheet
230Kb / 2P
   Ceramic Resonators/Crystal Units/MEMS Resonators
12/28/2022
CSTCR7M37G55B02-R0 MURATA1-CSTCR7M37G55B02-R0_V01 Datasheet
266Kb / 2P
   Ceramic Resonators/Crystal Units/MEMS Resonators
12/28/2022
CSTLS10M0G56-A0 MURATA1-CSTLS10M0G56-A0_V01 Datasheet
339Kb / 15P
   Ceramic Resonators/Crystal Units/MEMS Resonators
March 24, 2017
CSTCR6M40G55Z-R0 MURATA1-CSTCR6M40G55Z-R0_V01 Datasheet
266Kb / 2P
   Ceramic Resonators/Crystal Units/MEMS Resonators
12/28/2022
CSTCR6M60G55B-R0 MURATA1-CSTCR6M60G55B-R0_V01 Datasheet
266Kb / 2P
   Ceramic Resonators/Crystal Units/MEMS Resonators
12/28/2022
CSTCR7M00G53-R0 MURATA1-CSTCR7M00G53-R0_V01 Datasheet
265Kb / 2P
   Ceramic Resonators/Crystal Units/MEMS Resonators
12/28/2022
CSTCR4M09G55-R0 MURATA1-CSTCR4M09G55-R0_V01 Datasheet
265Kb / 2P
   Ceramic Resonators/Crystal Units/MEMS Resonators
12/28/2022
CSTLS3M60G56-B0 MURATA1-CSTLS3M60G56-B0_V01 Datasheet
256Kb / 2P
   Ceramic Resonators/Crystal Units/MEMS Resonators
01/02/2023
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com