Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT10.7MS2BP Datasheet(PDF) 9 Page - Token Electronics Industry Co., Ltd.

Part # LT10.7MS2BP
Description  Filters for FM ,TV/VCR Stage, Communication
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LT10.7MS2BP Datasheet(HTML) 9 Page - Token Electronics Industry Co., Ltd.

Back Button LT10.7MS2BP Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. LT10.7MS2BP Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. LT10.7MS2BP Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. LT10.7MS2BP Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. LT10.7MS2BP Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. LT10.7MS2BP Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. LT10.7MS2BP Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. LT10.7MS2BP Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. LT10.7MS2BP Datasheet HTML 13Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
LTCA/CV10.7M SMD Ceramic Filters
SMD Ceramic Filters
for FM
SMD Ceramic Filters with Low Profile 1.5±0.2 mm,
Murata SFECV10M7 Compatible
Preview
Token SMD ceramic filter (LTCA/CV10.7M) for AM/FM has been made smaller, thinner and in a chip
configuration for surface mounting to be of help to the total chip circuit. This is one more example of Token’s
leadership in converting conventional electronic components to chip technology.
The LTCA/CV10.7M series for FM-receivers are monolithic type ceramic filters which utilize the thickness
expander mode of the piezoelectric ceramic. Piezoelectric element is connected in the sandwich shape by heat
resistant substrate, thus it has excellent mechanical strength, and it is suitable for automatic mounting.
The dimensions of LTCA/CV10.7M chip ceramic filter is small as 7.0±0.3 x 3.0±0.3 mm with low profile
1.5±0.2 mm. Insertion Loss max(dB) is from 3.0 db ~ 10 db, Spurious Attenuation (9~12 MHz) min(dB) 30
db ~ 35 db with Input/Output Impedance: 330Ω. Various bandwidths are available. Select a suitable type in
accordance with the desired selectivity.
The LTCA/CV10.7M series conform to the RoHS directive. Token will also produce devices outside these
specifications to meet specific customer requirements, please contact our sales for more information.
Applications
- Small, thin radios, automotive radios.
- Headphone stereos.
TOKEN
07 of 46
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - LT10.7MS2BP

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LT10.7MS2BP TOKEN-LT10.7MS2BP Datasheet
358Kb / 4P
   LT10.7M Ceramic Filters for FM Receiver
More results

Similar Description - LT10.7MS2BP

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LT4.5MB TOKEN-LT4.5MB Datasheet
321Kb / 3P
   LT MB Ceramic Filters for TV/VCR Stage
LTT4.5MA TOKEN-LTT4.5MA Datasheet
304Kb / 3P
   LTT MA Ceramic Filters for TV/VCR Stage
XT3.58MBP TOKEN-XT3.58MBP Datasheet
429Kb / 15P
   CERAMIC TRAP FILTERS Ceramic Trap For TV/VCR Stage
logo
Oscilent Corporation
760-0107-FP OSCILENT-760-0107-FP Datasheet
139Kb / 2P
   For TV / VCR
773-0065 OSCILENT-773-0065 Datasheet
140Kb / 2P
   For TV / VCR
753-4725M-A OSCILENT-753-4725M-A Datasheet
130Kb / 2P
   For TV / VCR
logo
Murata Manufacturing Co...
MKTGA30M0AALP00B05 MURATA-MKTGA30M0AALP00B05 Datasheet
102Kb / 4P
   Traps for TV/VCR
logo
Oscilent Corporation
752-0065 OSCILENT-752-0065 Datasheet
141Kb / 2P
   Trap For TV / VCR
772-0045 OSCILENT-772-0045 Datasheet
140Kb / 2P
   Ceramic Series For TV / VCR
753-39.5M-A OSCILENT-753-39.5M-A Datasheet
130Kb / 2P
   Ceramic Trap For TV/VCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com