Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRC12JTRWA0M75 Datasheet(PDF) 7 Page - Token Electronics Industry Co., Ltd.

Part # LRC12JTRWA0M75
Description  Chip Current Sense / Open-Air Current Shunts / Axial Current Sense Resistors
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LRC12JTRWA0M75 Datasheet(HTML) 7 Page - Token Electronics Industry Co., Ltd.

Back Button LRC12JTRWA0M75 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. LRC12JTRWA0M75 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. LRC12JTRWA0M75 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. LRC12JTRWA0M75 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. LRC12JTRWA0M75 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. LRC12JTRWA0M75 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. LRC12JTRWA0M75 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. LRC12JTRWA0M75 Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. LRC12JTRWA0M75 Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 58 page
background image
Terminology & Glossary
Terminology Glossary
of Current Sensing
Resistors
What is a Current Sensing Resistor
Current sensing products are the newest and fastest growing resistive products in the industry today.
As with most passive products, the majority of new designs are surface mount. These resistors are
used to monitor the current in a circuit and translate the amount of current in that circuit into a voltage
that can be easily measured and monitored.
Current Detecting Resistors
Due to the increase in sales of notebook PCs, the demand for the DC/DC converter has shown rapid
growth because of its high-energy conversion efficiency, and its precise current-limiting capability.
However, to ensure the performance of the multiple output DC/DC converter, the current limiting
voltage must be detected precisely to protect an expensive notebook PC from an overload, which is
generally due to shorts within the capacitors used in these devices.
For high-energy conversion efficiency various control ICs have been developed that utilize resistive
components. To achieve the perfect cutoff mode of the DC load current at the programmed
current-limiting voltage of the control IC, a very stable and accurate sense resistor with the
following characteristics is required for precise voltage comparison.
● Very Low Ohmic Value should be below 25mΩ for minimizing power consumption at the current
sensing resistor.
● Tight Tolerance must be ±1% or tighter for maximizing the current supply within the limit of
accept able current.
● Low TCR is required for current sensing across the ambient temperature range of 0°C to 60°C.
● Low Thermal EMF for an accurate comparison between the programmed current-limiting voltage
of the control IC and the detected voltage.
Furthermore, the self-inductance should be for high frequency applications. Recommended types are
general purpose current sensing products or a flame retardant type.
What is a Current Sensing Resistor
Current sensing products are the newest and fastest growing resistive products in the industry today.
As with most passive products, the majority of new designs are surface mount. These resistors are
used to monitor the current in a circuit and translate the amount of current in that circuit into a voltage
that can be easily measured and monitored.
05 of 56
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - LRC12JTRWA0M75

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
LRC12JTRWA0M75G TOKEN-LRC12JTRWA0M75G Datasheet
943Kb / 12P
   Metal Strip Chip Current Sense Resistor
More results

Similar Description - LRC12JTRWA0M75

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
OAR1R100FLF IRCTT-OAR1R100FLF Datasheet
165Kb / 2P
   Open Air Current Sense Resistors
logo
Token Electronics Indus...
OAR1R005FP TOKEN-OAR1R005FP Datasheet
371Kb / 3P
   OAR Open Air Current Sense Resistors
LSQ-A-3 TOKEN-LSQ-A-3 Datasheet
418Kb / 4P
   LSQ Open Air Current Sense Resistors
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
   CURRENT SENSE - Molded Current Sense Resistors
logo
Vishay Siliconix
SR VISHAY-SR Datasheet
80Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
SR1 VISHAY-SR1 Datasheet
113Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
SR5R0150FE14 VISHAY-SR5R0150FE14 Datasheet
86Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
logo
American Accurate Compo...
CTL05R015FJM AAC-CTL05R015FJM Datasheet
222Kb / 2P
   CURRENT SENSE RESISTORS
logo
Bourns Electronic Solut...
PWR4413DR050J BOURNS-PWR4413DR050J Datasheet
104Kb / 1P
   Current Sense Resistors
PWR4413 BOURNS-PWR4413 Datasheet
104Kb / 1P
   Current Sense Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com