Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWR06GPCA1000 Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # PWR06GPCA1000
Description  PWR Pulse Withstanding Chip Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

PWR06GPCA1000 Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  PWR06GPCA1000 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. PWR06GPCA1000 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. PWR06GPCA1000 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. PWR06GPCA1000 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. PWR06GPCA1000 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. PWR06GPCA1000 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. PWR06GPCA1000 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
04 of 07
Application & Soldering Notes
Today’s electronic devices are becoming smaller and smaller. The requirement, in particular, for pulse withstand
capability is growing due to the need to protect sensitive modern electronic systems.
To meet this demand Token Electronics have designed a Pulse Withstanding Chip Resistor (PWR Series). The
enhanced performance of the chips is made possible by the precise use of the best resistance inks and a closely
controlled production process.
Application Notes:
Applications vary from line protection for telecommunications to surge withstanding resistors for use in
circuit breakers. Details of a typical telecomm and power supply application are given below.
Telephone lines can be subjected to a large range of voltage disturbances, many of which can damage
switching equipment. This has led to the need for circuit protection against both high voltage transients,
usually of short duration caused by lighting strikes and overloads of longer duration, due to direct
connection to mains power lines.
These two faults are separated into primary and secondary protection.
- Primary protection handles the high voltage transients, and is usually located within the exchange.
- Secondary protection is usually built into the equipment to be protected, and deals with both
current and voltage limiting.
Voltage limiting prevents damage to the equipment and shock hazards, and current limiting prevents
damage to wiring.
To determine the suitability of a PWC series chip resistors for your application refer to the pulse
withstanding data as given lighting surge performance using both 1.2/50μs and 10/700μs pulse shapes.
Soldering Notes:
Electrical connection to a ceramic substrate or to a printed circuit board can be made by reflow or wave
soldering of wrap-around terminations.
Wrap-around terminations provide good leach properties and ensure reliable contact.
Due to the robust construction, the PWR can be immersed in the solder bath for 30 seconds at 260°C.
This enables the resistor to be mounted on one side of a printed circuit board and wire-leaded components
applied on the other side.
PWR resistors themselves can operate at a maximum temperature of 155°C.
For soldered resistors, the joint temperature should not exceed 110°C.
This condition is met when the stated power levels at 70°C and recommended pad and trace areas
are used.
Allowance should be made if smaller areas of copper are used.
Version 2010
PWR Pulse Withstanding Chip Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - PWR06GPCA1000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PWR063 TI1-PWR063 Datasheet
524Kb / 15P
[Old version datasheet]   TPS62090EVM-063 Evaluation Module
logo
Token Electronics Indus...
PWR06DPC1A1000 TOKEN-PWR06DPC1A1000 Datasheet
1Mb / 14P
   Pulse Withstanding Chip Resistor
PWR06DPC1A10R0 TOKEN-PWR06DPC1A10R0 Datasheet
1Mb / 14P
   Pulse Withstanding Chip Resistor
PWR06DPC1A2201 TOKEN-PWR06DPC1A2201 Datasheet
1Mb / 14P
   Pulse Withstanding Chip Resistor
PWR06DPC1O1000 TOKEN-PWR06DPC1O1000 Datasheet
1Mb / 14P
   Pulse Withstanding Chip Resistor
More results

Similar Description - PWR06GPCA1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PWC2512 ETC1-PWC2512 Datasheet
271Kb / 6P
   Pulse Withstanding Chip Resistors
logo
Welwyn Components Limit...
PWC WELWYN-PWC Datasheet
465Kb / 4P
   Pulse Withstanding Chip Resistors
logo
List of Unclassifed Man...
MCPWR12 ETC2-MCPWR12 Datasheet
208Kb / 7P
   Pulse Withstanding Chip Resistors
logo
IRC - a TT electronics ...
PWC-PWC0805-100R-J IRCTT-PWC-PWC0805-100R-J Datasheet
580Kb / 4P
   Pulse Withstanding Chip Resistors
logo
Welwyn Components Limit...
PWC WELWYN-PWC_13 Datasheet
868Kb / 4P
   Pulse Withstanding Chip Resistors
logo
WALSIN TECHNOLOGY CORPO...
WFXXQ_S WALSIN-WFXXQ_S Datasheet
1Mb / 11P
   Thin Film Pulse Withstanding Chip Resistors
logo
Token Electronics Indus...
PWR TOKEN-PWR Datasheet
1Mb / 14P
   Pulse Withstanding Chip Resistor
logo
Riedon Powertron
PCR1206-100KJ1 RIEDON-PCR1206-100KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR1206-470KJ1 RIEDON-PCR1206-470KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR RIEDON-PCR Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com