Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RI82-0.25 Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # RI82-0.25
Description  RI82 Thick Film High Voltage Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RI82-0.25 Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  RI82-0.25 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RI82-0.25 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RI82-0.25 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RI82-0.25 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
01 of 04
Version 2010
Preview
The High Voltage RI82 Precision Series provides an excellent
solution for design engineers looking for a compact product
with high-voltage capabilities to enable them to design within
the voltage trend for power impulse products.
The RI82 resistors use Token’s proprietary thick film Metal
Glaze resistive element and Serpentine Pattern Design which
provides ideal cost efficient, stability, precision,
non-Inductive, and high voltage characteristics for a wide
range of measurement, voltage divider circuits, and control
functions in high voltage power electronics applications.
By utilizing specific 96 % pure alumina materials with optimum processing, Token are able to control, very
tightly in manufacturing, the important ultra-stable performance tolerance F(±1%), G(±2%), J(±5%), K(±10%),
and M(±20%). Voltage handle up to 30 KV. This unique process is offered in specific resistance values in a wide
variety of sizes and terminations. The extraordinary operating stability of the Type RI82 resistors will improve
the performance of your high voltage system in precision.
The Precision RI82 High Voltage Series is RoHS compliant and lead free. For customed designs, tighter
tolerances, non-standard technical requirements, or custom special applications, please contact our sales for more
information.
RI82 Thick Film High Voltage Resistors
Features
- X-ray/imaging equipment, Impulse voltage generators,
- Capacitor crowbar circuits, High voltage snubber circuits, Arc furnace damping,
- Pulse modulators, Radar Pulse-forming networks, Energy research, and EMI/lightning supression.
- Applications include power supplies, transformers and any application requiring operation within an
environment where high voltages are used.
An Excellent Solution for The Voltage Trend
in Power Impulse Products
Thick Film
High Voltage Resistors
Applications
- Rated Wattage from 0.1W to 30W
- Max Working Voltage from 2KV to 30KV.
- Designs built from customer supplied schematics
- Tough epoxy-based coating and high voltage stability
- Temperature Coefficient: 200 ppm/°C to 300 ppm/°C.
- Resistance Range from 10 Megohm to 1KK Megohms
(1 Gegaohms).
- Resistance Tolerance F(±1%), G(±2%), J(±5%), K(±10%),
and M(±20%).
- Stable cermet resistive element bonded to a high-purity alumina substrate.
Applications
- Resistive Element: Thick film
- Substrate: 96 % pure alumina
- Encapsulation: Epoxy base,
conformal coating (c style only)
- Terminals: Silver palladium pole,
tin plated copper leads
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - RI82-0.25

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RI82-0.25 TOKEN-RI82-0.25 Datasheet
633Kb / 6P
   High Voltage Resistors
RI82-0.25S TOKEN-RI82-0.25S Datasheet
633Kb / 6P
   High Voltage Resistors
More results

Similar Description - RI82-0.25

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
HTE15 RIEDON-HTE15_13 Datasheet
224Kb / 2P
   High Voltage / Thick Film Resistors
logo
Welwyn Components Limit...
F43D WELWYN-F43D Datasheet
96Kb / 2P
   High Voltage Thick Film Resistors
HV31 WELWYN-HV31 Datasheet
114Kb / 2P
   High Voltage Thick film Resistors
logo
Riedon Powertron
HTE15 RIEDON-HTE15 Datasheet
259Kb / 2P
   High Voltage / Thick Film Resistors
logo
Welwyn Components Limit...
VRW25 WELWYN-VRW25 Datasheet
79Kb / 3P
   High Voltage Thick Film Resistors
logo
Riedon Powertron
HTE39-100MJ RIEDON-HTE39-100MJ Datasheet
141Kb / 2P
   High Voltage / Thick Film Resistors
HTE RIEDON-HTE Datasheet
141Kb / 2P
   High Voltage / Thick Film Resistors
HVR25 RIEDON-HVR25_13 Datasheet
170Kb / 2P
   High Voltage / Thick Film Leaded Resistors
logo
List of Unclassifed Man...
HVP03 ETC-HVP03 Datasheet
428Kb / 1P
   HIGH VOLTAGE THICK FILM PLANAR RESISTORS
logo
Bourns Electronic Solut...
CHV BOURNS-CHV Datasheet
165Kb / 4P
   Thick Film High Voltage Chip Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com