Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCR501W1R0JTB Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # RCR501W1R0JTB
Description  RCR Anti-Surge Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RCR501W1R0JTB Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  RCR501W1R0JTB Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RCR501W1R0JTB Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RCR501W1R0JTB Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
How to Order
1/2W
220KR
J
RCR50
TB
03 of 03
RCR Anti-Surge Resistors
Part Number: RCR
Rated Power (W)
Resistance Value (Ω)
Resistance Tolerance (%)
Code
Resistance Value (Ω)
1R0
1.0Ω
100R
100Ω
220K
220KΩ
22M
22MΩ
Code
Resistance Tolerance
J
±5%
Package
Code
Package
P
Bulk
TB
Taping Box
Version 2010
TOKEN
http://www.token.com.tw/
rfq token.com.tw
Back to 1st Page - Anti-Surge Resistors (RCR)


Similar Part No. - RCR501W1R0JTB

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RCR501/2W100RJP TOKEN-RCR501/2W100RJP Datasheet
419Kb / 5P
   Pulse Load Anti-Surge Resistors
RCR501/2W100RJTB TOKEN-RCR501/2W100RJTB Datasheet
419Kb / 5P
   Pulse Load Anti-Surge Resistors
RCR501/2W1R0JP TOKEN-RCR501/2W1R0JP Datasheet
419Kb / 5P
   Pulse Load Anti-Surge Resistors
RCR501/2W1R0JTB TOKEN-RCR501/2W1R0JTB Datasheet
419Kb / 5P
   Pulse Load Anti-Surge Resistors
RCR501/2W220KJP TOKEN-RCR501/2W220KJP Datasheet
419Kb / 5P
   Pulse Load Anti-Surge Resistors
More results

Similar Description - RCR501W1R0JTB

ManufacturerPart #DatasheetDescription
logo
Rohm
ESR10EZPJ3R9 ROHM-ESR10EZPJ3R9 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10EZPF1002 ROHM-ESR10EZPF1002 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10EZPJ200 ROHM-ESR10EZPJ200 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10 ROHM-ESR10_08 Datasheet
75Kb / 5P
   Anti-surge Chip Resistors
ESR18 ROHM-ESR18_08 Datasheet
76Kb / 5P
   Anti-surge Chip Resistors
ESR ROHM-ESR Datasheet
571Kb / 8P
   Anti-surge chip resistors
ESR10EZPF1200 ROHM-ESR10EZPF1200 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
logo
Token Electronics Indus...
RCR TOKEN-RCR Datasheet
419Kb / 5P
   Pulse Load Anti-Surge Resistors
logo
RFE international
SUR RFE-SUR Datasheet
15Mb / 2P
   HIGH VOLTAGE ANTI-SURGE RESISTORS
2023.01.09
logo
Panasonic Semiconductor
ERJ-P14J6R8U PANASONIC-ERJ-P14J6R8U Datasheet
188Kb / 6P
   Anti-Surge Thick Film Chip Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com