Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCN0610R101JP Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # RCN0610R101JP
Description  FCR, RCA, RCN Chip Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RCN0610R101JP Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  RCN0610R101JP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RCN0610R101JP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RCN0610R101JP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. RCN0610R101JP Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. RCN0610R101JP Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. RCN0610R101JP Datasheet HTML 6Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
04 of 06
Item
Specification
Test Method
DC Resistance
J: ±5%, F: ±1%
JIS C 5202 5.1
Temperature
Coefficient of
Resistance(TCR)
J: ±200ppm/°C
F: ±100ppm/°C
JIS C 5202 5.2 / IEC 115-1 4.8.4.2;
T1
T2
Test emperature: 25°C→-55°C
25°C →-55°C
Short Time Overload
J:ΔR≤ ± (2%+0.1Ω)
F:ΔR≤ ± (1%+0.05Ω)
JIS C 5202 5.5 / IEC 115-1 4.13;
2.5xRated voltage (Max. Overload Voltage) for 5 sec.
measure resistance after 30 minutes
Resistance to Solder Heat
J:ΔR≤ ± (1%+0.1Ω)
F:ΔR≤ ± (0.5%+0.05Ω)
No mechanical damage
JIS C 5202 6.4 / IEC 115-1 4.18;
With 260 ± 5 °C for 10 ± 1 sec.
Solderability
Over 95% of termination
must becovered with solder
JIS C 5202 7.4 / IEC 115-1 4.17; After immersing flux, dip in the
235 ± 5°C molten solderbath for 2 ± 0.5 sec.
Temperature Cycle
J:ΔR≤ ± (1%+0.1Ω)
F:ΔR≤ ± (0.5%+0.05Ω)
No mechanical damage
JIS C 5202 7.4 / IEC 115-1 4.19; Repeat 5 cycles as follow;
-55°C(30minutes)+25°C(10~15minutes)
+125°C(30minutes)+25°C(10~15minutes)
Terminal Strength
ΔR≤ ± (0.5%+0.05Ω)
No mechanical damage
JIS C 5202 6.1; 500g for 10 seconds
Load Life
J:ΔR≤ ± (3%+0.1Ω)
F:ΔR≤ ± (1%+0.05Ω)
JIS C 5202 7.10 / IEC 115-1 4.25.1;
Permanent resistance change after 1000+48/-0
hours (1.5 hours ON,0.5hour OFF) at RCWV or Max.
Keep the element at 70 ± 3°Cambient
Load Life Humidity
J:ΔR≤ ± (3%+0.1Ω)
F:ΔR≤ ± (1%+0.05Ω)
JIS C 5202 7.9 / IEC 115-1 4.24.2;
Maintain the temperature of the element at
40 ± 2 °Cand 90~95% RH with the ratedvoltage applied.
Cycle ON for 1.5hours and Off for 0.5 hour for 1000+48/-0
hours.After one hour, measure the resistance value.
Intermittent Overload
ΔR≤ ± (5%+0.1Ω)
No mechanical damage
JIS C 5202 5.8; 2.5xRated Voltage(Max.OverloadVoltage),
1secON,25sec OFF, test 10,000 cycles
Environmental Characteristics
Marking
3 digit marking
for E24(J)
100~10Ω
122~1.2KΩ
473~47KΩ
105~1MΩ
124
1542
02C
15E
3 digit marking
for E96(F)
02C
102102=10.2KΩ
4 digit marking
for E96(F)
22R1~22.1Ω
1020~102Ω
1542~15.4KΩ
15E
140104=1.4MΩ
Version 2010
FCR, RCA, RCN Chip Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - RCN0610R101JP

ManufacturerPart #DatasheetDescription
logo
Rohm
RCN02 ROHM-RCN02 Datasheet
60Kb / 3P
   Resistors Chip type attenuator
RCN02 ROHM-RCN02 Datasheet
77Kb / 3P
   Chip Attenuators
RCN02M1PPEA35001 ROHM-RCN02M1PPEA35001 Datasheet
60Kb / 3P
   Resistors Chip type attenuator
RCN02M1PPEA35001 ROHM-RCN02M1PPEA35001 Datasheet
77Kb / 3P
   Chip Attenuators
RCN02M1PPEA35002 ROHM-RCN02M1PPEA35002 Datasheet
60Kb / 3P
   Resistors Chip type attenuator
More results

Similar Description - RCN0610R101JP

ManufacturerPart #DatasheetDescription
logo
RFE international
RCNR34-04DR-1K0-J RFE-RCNR34-04DR-1K0-J Datasheet
89Kb / 1P
   SURFACE MOUNT RCN Series: Networks & Arrays RESISTORS
logo
Pomona Electronics
6880 POMONA-6880 Datasheet
90Kb / 1P
   RCA Jack, RCA Plug
logo
Switchcraft, Inc.
RCA05RCA SWITCH-RCA05RCA Datasheet
309Kb / 2P
   RCA PLUG TO RCA PLUG, RoHS
RCA10RCAB SWITCH-RCA10RCAB Datasheet
309Kb / 2P
   RCA PLUG TO RCA PLUG, RoHS
logo
Bourns Electronic Solut...
CR0603 BOURNS-CR0603 Datasheet
186Kb / 5P
   Chip Resistors
CR2512-LF BOURNS-CR2512-LF Datasheet
287Kb / 2P
   Chip resistors
logo
Switchcraft, Inc.
RCA10RCA SWITCH-RCA10RCA Datasheet
309Kb / 2P
   RCA PLUG TO RCA PLUG, RoHS
logo
Bourns Electronic Solut...
CR2010 BOURNS-CR2010 Datasheet
196Kb / 2P
   Chip Resistors
CHPREZTR BOURNS-CHPREZTR_14 Datasheet
260Kb / 5P
   Chip Resistors
CRM0805-FX-R100ELF BOURNS-CRM0805-FX-R100ELF Datasheet
300Kb / 3P
   Chip Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com