Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X25F008SI-5 Datasheet(PDF) 8 Page - Xicor Inc.

Part # X25F008SI-5
Description  SerialFlash??Memory With Block LockTM Protection
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25F008SI-5 Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X25F008SI-5 Datasheet HTML 4Page - Xicor Inc. X25F008SI-5 Datasheet HTML 5Page - Xicor Inc. X25F008SI-5 Datasheet HTML 6Page - Xicor Inc. X25F008SI-5 Datasheet HTML 7Page - Xicor Inc. X25F008SI-5 Datasheet HTML 8Page - Xicor Inc. X25F008SI-5 Datasheet HTML 9Page - Xicor Inc. X25F008SI-5 Datasheet HTML 10Page - Xicor Inc. X25F008SI-5 Datasheet HTML 11Page - Xicor Inc. X25F008SI-5 Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
X25F064/032/016/008
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation
of the device at these or any other conditions above
those listed in the operational sections of this specification
is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS*
Temperature Under Bias .................. –65
°C to +135°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on any Pin with Respect to VSS ......... –1V to +7V
D.C. Output Current ............................................. 5mA
Lead Temperature
(Soldering, 10 Seconds) ............................. 300
°C
D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.)
Limits
Symbol
Parameter
Min.
Max.
Units
Test Conditions
ICC
VCC Supply Current (Active)
5
mA
SCK = VCC x 0.1/VCC x 0.9 @ 1MHz,
SO = Open,
CS = VSS
ISB1(2) VCC Supply Current (Standby)
1
µA
CS = VCC, VIN = VSS or VCC, VCC = 3.6V
ISB2
VCC Supply Current (Standby)
10
µA
CS = VCC, VIN = VSS or VCC, VCC = 5V
ILI
Input Leakage Current
10
µAVIN = VSS to VCC
ILO
Output Leakage Current
–1
10
µAVOUT = VSS to VCC
VIL(1)
Input LOW Voltage
VCC x 0.7 VCC x 0.3
V
VIH(1)
Input HIGH Voltage
VCC + 0.5
V
VOL1
Output LOW Voltage
0.4
V
IOL = 1.5mA, VCC = 2.7V
VOH1
Output HIGH Voltage
VCC – 0.3
V
IOH = –0.4mA, VCC = 2.7V
VOL2
Output LOW Voltage
0.4
V
IOL = 3mA, VCC = 5V
VOH2
Output HIGH Voltage
VCC – 0.8
V
IOH = –1.6mA, VCC = 5V
6685 PGM T08.4
RECOMMENDED OPERATING CONDITIONS
Temp
Min.
Max.
Commercial
0
°C
+70
°C
Extended
–20
°C
+85
°C
Industrial
–40
°C
+85
°C
6685 PGM T06.2
Supply Voltage
Limits
X25F064/032/016/008
1.8V to 3.6V
X25F064/032/016/008–5
4.5V to 5.5V
6685 PGM T07.3
POWER-UP TIMING
Symbol
Parameter
Min.
Max.
Units
tPUR(3)
Power-up to Read Operation
1
ms
tPUW(3)
Power-up to Write Operation
5
ms
6685 PGM T09
Notes:
(1) VIL min. and VIH max. are for reference only and are not tested.
(2) This parameter is periodically sampled and not 100% tested.
(3) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated. These parameters
are periodically sampled and not 100% tested.
CAPACITANCE TA = 25°C, f = 1MHz, VCC = 5V.
Symbol
Test
Max.
Units
Conditions
COUT(2)
Output Capacitance (SO)
8
pF
VOUT = 0V
CIN(2)
Input Capacitance (SCK, SI,
CS, WP, HOLD)6
pF
VIN = 0V
6685 PGM T10.1


Similar Part No. - X25F008SI-5

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25F047 XICOR-X25F047 Datasheet
72Kb / 14P
   SPI SerialFlash with Block Lock TM Protection
X25F047M XICOR-X25F047M Datasheet
72Kb / 14P
   SPI SerialFlash with Block Lock TM Protection
X25F047M-5 XICOR-X25F047M-5 Datasheet
72Kb / 14P
   SPI SerialFlash with Block Lock TM Protection
X25F047MI XICOR-X25F047MI Datasheet
72Kb / 14P
   SPI SerialFlash with Block Lock TM Protection
X25F047MI-5 XICOR-X25F047MI-5 Datasheet
72Kb / 14P
   SPI SerialFlash with Block Lock TM Protection
More results

Similar Description - X25F008SI-5

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25F128 XICOR-X25F128 Datasheet
61Kb / 14P
   SerialFlash??Memory With Block Lock??Protection
X24F064 XICOR-X24F064 Datasheet
85Kb / 18P
   SerialFlash TM Memory with Block Lock TM Protection
X25080 XICOR-X25080 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25F087 XICOR-X25F087 Datasheet
68Kb / 13P
   SPI SerialFlash with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25320 ICMIC-X25320 Datasheet
388Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
logo
Xicor Inc.
X25021 XICOR-X25021 Datasheet
60Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25040 XICOR-X25040 Datasheet
61Kb / 14P
   SPI Serial E2PROM with Block LockTM Protection
X25160 XICOR-X25160 Datasheet
70Kb / 15P
   SPI Serial E2PROM With Block LockTM Protection
X25F047 XICOR-X25F047 Datasheet
72Kb / 14P
   SPI SerialFlash with Block Lock TM Protection
X25640 XICOR-X25640 Datasheet
64Kb / 14P
   Advanced SPI Serial E2PROM With Block LockTM Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com