Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWR06GTRC1W1000 Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # PWR06GTRC1W1000
Description  PWR Pulse Withstanding Chip Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

PWR06GTRC1W1000 Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  PWR06GTRC1W1000 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. PWR06GTRC1W1000 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. PWR06GTRC1W1000 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. PWR06GTRC1W1000 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. PWR06GTRC1W1000 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. PWR06GTRC1W1000 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. PWR06GTRC1W1000 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
01 of 07
Version 2010
PWR Pulse Withstanding Chip Resistors
Features
- High Power Rating .
- Tolerance from ±0.5%~5%.
- Improved Working Voltage Ratings.
- Excellent Pulse Withstanding Performance.
- Standard Package sizes of 0805, 1206, 2010,
and 2512.
Applications
- Power Supplies, Diagnostic Equipment.
- Industrial Controls, LCD Video Monitors.
- Portable Battery Chargers, Medical Devices.
- Motor Controls and Line-Powered Equipment.
- Metering (Testing/Measurement), Circuit
Protection Devices .
Token (PWR) Pulse Withstanding Chip Resistors
Provide 50 Percent Increase in Power Dissipation
Pulse Withstanding
Chip Resistors
Preview
As electronic design engineers have increased the power density of their equipment, the demand for smaller
surface mount single-chip circuit protection resistors has also increased. Token developed the PWR Series
resistors to provide an economical alternative to bulky molded wirewound components or multi-chip solutions
while saving both PC board space and manufacturing costs.
To meet the increased demand for the PWR Series resistors, Token has developed a series of pulse withstanding
chip resistors with improved power ratings in reduced surface mounted sizes. Designated the PWR Series, the
chip resistors deliver up to 50 percent higher power ratings than conventional surface mount resistors - up to
1.5W in a standard 2512 size chip.
Token is able to boost this power rating up to 50 percent through a
combination of proprietary power film materials and advanced
manufacturing processes. The PWR Series Resistors are available
in four standard sizes (0805, 1206, 2010 and 2512) with power
ratings from 0.125W to 1.5W, and maximum operating voltage
ratings for 100V to 500V. Resistance range is from 10 Ω to
20 MΩ, with tolerance tight to 0.5 percent. The PWR meets
restriction of hazardous substances RoHS directive and RoHS
compliance.
Along with the increased power ratings, the PWR Series resistors also feature high surge and high voltage
ratings, making them extremely stable in demanding surge and pulse environments. The PWR Series chip
resistors are specified for use in power supplies, circuit protection devices, portable battery chargers, motor
controls and line-powered equipment.
Token will also produce devices outside these specifications to meet specific customer requirements, please
contact our sales for more information.
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - PWR06GTRC1W1000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PWR063 TI1-PWR063 Datasheet
524Kb / 15P
[Old version datasheet]   TPS62090EVM-063 Evaluation Module
logo
Token Electronics Indus...
PWR06DPC1A1000 TOKEN-PWR06DPC1A1000 Datasheet
1Mb / 14P
   Pulse Withstanding Chip Resistor
PWR06DPC1A10R0 TOKEN-PWR06DPC1A10R0 Datasheet
1Mb / 14P
   Pulse Withstanding Chip Resistor
PWR06DPC1A2201 TOKEN-PWR06DPC1A2201 Datasheet
1Mb / 14P
   Pulse Withstanding Chip Resistor
PWR06DPC1O1000 TOKEN-PWR06DPC1O1000 Datasheet
1Mb / 14P
   Pulse Withstanding Chip Resistor
More results

Similar Description - PWR06GTRC1W1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PWC2512 ETC1-PWC2512 Datasheet
271Kb / 6P
   Pulse Withstanding Chip Resistors
logo
Welwyn Components Limit...
PWC WELWYN-PWC Datasheet
465Kb / 4P
   Pulse Withstanding Chip Resistors
logo
List of Unclassifed Man...
MCPWR12 ETC2-MCPWR12 Datasheet
208Kb / 7P
   Pulse Withstanding Chip Resistors
logo
IRC - a TT electronics ...
PWC-PWC0805-100R-J IRCTT-PWC-PWC0805-100R-J Datasheet
580Kb / 4P
   Pulse Withstanding Chip Resistors
logo
Welwyn Components Limit...
PWC WELWYN-PWC_13 Datasheet
868Kb / 4P
   Pulse Withstanding Chip Resistors
logo
WALSIN TECHNOLOGY CORPO...
WFXXQ_S WALSIN-WFXXQ_S Datasheet
1Mb / 11P
   Thin Film Pulse Withstanding Chip Resistors
logo
Token Electronics Indus...
PWR TOKEN-PWR Datasheet
1Mb / 14P
   Pulse Withstanding Chip Resistor
logo
Riedon Powertron
PCR1206-100KJ1 RIEDON-PCR1206-100KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR1206-470KJ1 RIEDON-PCR1206-470KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR RIEDON-PCR Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com