Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWR05GPC1W1000 Datasheet(PDF) 6 Page - Token Electronics Industry Co., Ltd.

Part # PWR05GPC1W1000
Description  PWR Pulse Withstanding Chip Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

PWR05GPC1W1000 Datasheet(HTML) 6 Page - Token Electronics Industry Co., Ltd.

  PWR05GPC1W1000 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. PWR05GPC1W1000 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. PWR05GPC1W1000 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. PWR05GPC1W1000 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. PWR05GPC1W1000 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. PWR05GPC1W1000 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. PWR05GPC1W1000 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
06 of 07
Lightning Surge
1
10
100
1000
10000
100000
1000000 10000000
Resistance (ohms)
Test Condition:IEC 60115-1
10000
1000
100
10
1.2/50 us Lightning Surge
0805
1206
2010
2512
10/700 us Lightning Surge
10000
1000
100
10
Resistance (ohms)
Test Condition:IEC 60115-1
1
10
100
1000
10000
100000
1000000 10000000
0805
1206
2010
2512
Note: Lightning Surge Resistors are tested in accordance with IEC 60 115-1 using both 1.2/50us and 10/700 pulse.shapes.
The limit of acceptance is a shift in resistance of less than 1% from the initial value.
Version 2010
PWR Pulse Withstanding Chip Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - PWR05GPC1W1000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PWR059 TI1-PWR059 Datasheet
372Kb / 13P
[Old version datasheet]   2-A to 6-A Integrated Power Solution
PWR059-001 TI1-PWR059-001 Datasheet
372Kb / 13P
[Old version datasheet]   2-A to 6-A Integrated Power Solution
PWR059-002 TI1-PWR059-002 Datasheet
372Kb / 13P
[Old version datasheet]   2-A to 6-A Integrated Power Solution
PWR059-003 TI1-PWR059-003 Datasheet
372Kb / 13P
[Old version datasheet]   2-A to 6-A Integrated Power Solution
logo
Token Electronics Indus...
PWR05DPC1A1000 TOKEN-PWR05DPC1A1000 Datasheet
1Mb / 14P
   Pulse Withstanding Chip Resistor
More results

Similar Description - PWR05GPC1W1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PWC2512 ETC1-PWC2512 Datasheet
271Kb / 6P
   Pulse Withstanding Chip Resistors
logo
Welwyn Components Limit...
PWC WELWYN-PWC Datasheet
465Kb / 4P
   Pulse Withstanding Chip Resistors
logo
List of Unclassifed Man...
MCPWR12 ETC2-MCPWR12 Datasheet
208Kb / 7P
   Pulse Withstanding Chip Resistors
logo
IRC - a TT electronics ...
PWC-PWC0805-100R-J IRCTT-PWC-PWC0805-100R-J Datasheet
580Kb / 4P
   Pulse Withstanding Chip Resistors
logo
Welwyn Components Limit...
PWC WELWYN-PWC_13 Datasheet
868Kb / 4P
   Pulse Withstanding Chip Resistors
logo
WALSIN TECHNOLOGY CORPO...
WFXXQ_S WALSIN-WFXXQ_S Datasheet
1Mb / 11P
   Thin Film Pulse Withstanding Chip Resistors
logo
Token Electronics Indus...
PWR TOKEN-PWR Datasheet
1Mb / 14P
   Pulse Withstanding Chip Resistor
logo
Riedon Powertron
PCR1206-100KJ1 RIEDON-PCR1206-100KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR1206-470KJ1 RIEDON-PCR1206-470KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR RIEDON-PCR Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com