Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQZ5W100RJ Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # SQZ5W100RJ
Description  SQ Ceramic Housed Cement Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

SQZ5W100RJ Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  SQZ5W100RJ Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. SQZ5W100RJ Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. SQZ5W100RJ Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. SQZ5W100RJ Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. SQZ5W100RJ Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
02 of 05
SQP - Dimensions
SQM - Dimensions
W
SQP
H
L
20Min
d
Type
Dimension (mm)
Resistance Range (Ω)
SQP
W±1
H±1
L±1.5
d±0.05
SQP
RS+SQP
2W
7
7
18
0.5~0.6
0.1~82
3W
8
8
22
0.7~0.8
0.1~180
181~33K
5W
10
9
22
0.7~0.8
0.1~180
181~50K
7W
10
9
35
0.7~0.8
0.1~430
431~50K
10W
10
9
48
0.7~0.8
0.1~470
471~50K
15W
12.5
11.5
48
0.7~0.8
0.5~600
601~150K
20W-25W
14
13.5
60
0.7~0.8
0.8~1K
1.1~150K
W
S
SQM
5 +2
-1
0.8±0.05
7.5 +2
-1 (10WS)
Type
Dimension (mm)
Resistance Range (Ω)
SQM
H±1.5
W±1
S±1
SQM
RS+SQM
2W
20
12
8
0.1-8.0
81-50K
3W
25
12
8
0.1-180
181-50K
5W
25
13
9
0.1-180
181-50K
7W
39
13
9
0.1-430
431-47K
10W
51
13
12
0.1-470
471-47K
10WS
35
16
12
0.1-430
431-47K
Version 2010
SQ Ceramic Housed Cement Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - SQZ5W100RJ

ManufacturerPart #DatasheetDescription
logo
RFE international
SQZ5W RFE-SQZ5W Datasheet
463Kb / 2P
   CEMENT BOX POWER RESISTORS
2019.12.31
SQZ5WS RFE-SQZ5WS Datasheet
463Kb / 2P
   CEMENT BOX POWER RESISTORS
2019.12.31
More results

Similar Description - SQZ5W100RJ

ManufacturerPart #DatasheetDescription
logo
RFE international
SQHG RFE-SQHG Datasheet
467Kb / 2P
   CEMENT BOX POWER RESISTORS
2019.12.31
logo
Welwyn Components Limit...
W30 WELWYN-W30 Datasheet
116Kb / 2P
   Cement Coated Wirewound Resistors
logo
RFE international
SQT RFE-SQT Datasheet
462Kb / 2P
   CEMENT BOX POWER RESISTORS
2019.12.24
SQZ RFE-SQZ Datasheet
463Kb / 2P
   CEMENT BOX POWER RESISTORS
2019.12.31
SQH RFE-SQH Datasheet
465Kb / 2P
   CEMENT BOX POWER RESISTORS
2019.12.31
SQM RFE-SQM Datasheet
459Kb / 2P
   CEMENT BOX POWER RESISTORS
2019.12.30
SQP RFE-SQP Datasheet
786Kb / 2P
   Cement Box Power Resistors
DEC-01-2023
logo
Welwyn Components Limit...
W30 WELWYN-W30_11 Datasheet
316Kb / 2P
   Cement Coated Wirewound Resistors
logo
List of Unclassifed Man...
MPC722 ETC1-MPC722 Datasheet
111Kb / 1P
   Metal Plate Cement Resistors
logo
RCD COMPONENTS INC.
610-XR01 RCD-610-XR01 Datasheet
249Kb / 1P
   ALUMINUM HOUSED RESISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com