Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TREM322522N103J Datasheet(PDF) 5 Page - Token Electronics Industry Co., Ltd.

Part # TREM322522N103J
Description  TREM RF Chip Wire Wound Inductors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TREM322522N103J Datasheet(HTML) 5 Page - Token Electronics Industry Co., Ltd.

  TREM322522N103J Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TREM322522N103J Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TREM322522N103J Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TREM322522N103J Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TREM322522N103J Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TREM322522N103J Datasheet HTML 6Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TREM RF Chip Wire Wound Inductors
Part Number
Inductance
(µH)
Toler-
ance(%)
Q
(min)
Test Freq.
(MHZ)
SRF
(MHz)(min)
DCR
(Ω)(max)
IDC
(mA)
TREM453232N - 181*
180
±5,±10
30
0.796
5
9.50
102
TREM453232N - 221*
220
±5,±10
30
0.796
4
10.0
100
TREM453232N - 271*
270
±5,±10
30
0.796
4
12.0
92
TREM453232N - 331*
330
±5,±10
30
0.796
3.5
14.0
85
TREM453232N - 391*
390
±5,±10
30
0.796
3
18.0
80
TREM453232N - 471*
470
±5,±10
30
0.796
3
26.0
62
TREM453232N - 561*
560
±5,±10
20
0.796
3
30.0
50
TREM453232N - 681*
680
±5,±10
20
0.796
3
30.0
50
TREM453232N - 821*
820
±5,±10
20
0.796
2.5
35.0
30
TREM453232N - 102*
1000
±5,±10
10
0.252
2.5
40.0
30
Note: Test equipment L, Q: HP4285A +16034E, or equivalent
SRF: HP8753C NETWORK ANALYZER, or equivalent.
DC resistance: AX-111A DIGITAL MILLIOHM METER, or equivalent.
TREM322522N, TREM453232N - Mechanical Performance Test
REQUIREMENTS
CHARACTERISTICS
TEST METHOD(DIS C 5321)
Terminal Strength
No evidence of damage
Terminals shall withstand a pull of 0.5Kgf
in a horizoninal direction
Vibration
ΔL/Lshallbewithin±3%.
No evidence of damage
2 hours in each direction of X,Y,Z on p-Board
at a frequency range of 10-55-10HZ with
1.5mm amplitude
Dropping
ΔL/Lshallbewithin±3%.
No evidence of damage
Dropping 1m over the ground of conctete or
cement
REQUIREMENTS
CHARACTERISTICS
TEST METHOD(JIS C 5321)
Resistance to Soldering Heat
No evidence of damage
ΔL/Lshallbewithin±3%
Immerse in the solder (H63A) of 260±5°C for
10±1sec, leave for 2hrs at normal TEMP
Solderability
More than 90% surface to
be covered with new soldering
AV100V 60 SEC.T
Dielectric with standing volt-
age
No veridence of breakdown
resistor 1000 Mohm and over
DC500V 30 SEC.
Insulation Resistance
No veidence of breakdown,
resistor 1000 Mohm and over
DC 500V 30 SEC.
TREM322522N, TREM453232N - Electrical Performance Test
Continued from the preceding page.
05 of 06
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TREM322522N103J

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
TRE06 CINCON-TRE06 Datasheet
390Kb / 2P
   6W SWITCHING ADAPTER
TRE06S050 CINCON-TRE06S050 Datasheet
390Kb / 2P
   6W SWITCHING ADAPTER
TRE06S050-AXXA01 CINCON-TRE06S050-AXXA01 Datasheet
390Kb / 2P
   6W SWITCHING ADAPTER
TRE06S050-AXXA02 CINCON-TRE06S050-AXXA02 Datasheet
390Kb / 2P
   6W SWITCHING ADAPTER
TRE06S050-AXXA03 CINCON-TRE06S050-AXXA03 Datasheet
390Kb / 2P
   6W SWITCHING ADAPTER
More results

Similar Description - TREM322522N103J

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-0805CM561JTT PULSE-PE-0805CM561JTT Datasheet
666Kb / 30P
   WIRE-WOUND RF CHIP INDUCTORS
logo
Token Electronics Indus...
TREC322522N TOKEN-TREC322522N Datasheet
379Kb / 5P
   TREC Chip Wire Wound RF Inductors
logo
Sumida Corporation
5501 SUMIDA-5501 Datasheet
355Kb / 4P
   Wire Wound Chip Inductors
5506 SUMIDA-5506 Datasheet
391Kb / 3P
   Wire Wound Chip Inductors
5514 SUMIDA-5514 Datasheet
382Kb / 3P
   Wire Wound Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
LB2518T220K TAIYO-YUDEN-LB2518T220K Datasheet
137Kb / 1P
   Wire-wound Chip Inductors
LB2518T221M TAIYO-YUDEN-LB2518T221M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB3218T331M TAIYO-YUDEN-LB3218T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
LB2518T331M TAIYO-YUDEN-LB2518T331M Datasheet
143Kb / 1P
   Wire-wound Chip Inductors
logo
Central Technologies
CT0603HCF CT-CT0603HCF Datasheet
377Kb / 1P
   Wire-wound Chip Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com