Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWR05GTRCW1000 Datasheet(PDF) 5 Page - Token Electronics Industry Co., Ltd.

Part # PWR05GTRCW1000
Description  PWR Pulse Withstanding Chip Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

PWR05GTRCW1000 Datasheet(HTML) 5 Page - Token Electronics Industry Co., Ltd.

  PWR05GTRCW1000 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. PWR05GTRCW1000 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. PWR05GTRCW1000 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. PWR05GTRCW1000 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. PWR05GTRCW1000 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. PWR05GTRCW1000 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. PWR05GTRCW1000 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
05 of 07
Environmental Characteristics
100
80
60
40
30
20
0
20 40
60
80
160
140
120
100
0
180
Ambient Temperature (°C)
70
Test Item
Specification
Test Method
Short Time Overload
±0.5%
JIS-C-5202-5.5
RCWV*2.5 or Max Overloading Voltage, 5 sec-
onds
Thermal Shock
±0.5%
MIL-STD-202F Method 107G
-55°C~150°C, 100 cycles
Temperature Coefficient of
Resistance
As Spec.
MIL-STD-202F Method 304
+25/-55/+25/+125/+25°C
Load Life
±1%
MIL-STD-202F Method 108A RCWV, 70°C, 1.5
hours ON, 0.5 hours OFF,
total 1000~1048 hours
Humidity (Steady State)
±0.5%
MIL-STD-202F Method 103B 40°C, 90~95%RH,
RCWV 1.5 hours ON,
0.5 hours OFF, total 1000~1048 hours
Resistance to Dry Heat
±0.5%
JIS-C-5202-7.2
96 hours @ +155°C without load
Low Temperature Operation
±0.5%
JIS-C-5202-7.1
1hour,-65°C followed by 45 minutes of RCWV
Bending Strength
As Spec.
JIS-C-5202-6.1.4
Bending Amplitude 3mm for 10 seconds
Resistance to Soldering Heat
±0.5%
MIL-STD-202F Method 210E
260±5°C, 10±1seconds
Solderability
95% min coverage
MIL-STD-202F Method 208H
245°C±5°C, 3±0.5(sec)
Dielectric Withstand Voltage
As Spec.
MIL-STD-202F Method 301
Apply Max Overload Voltage for l minute
Insulation Resistance
>1000MΩ
MIL-STD-202F Method 302
Apply 100VDC for 1minute
Note: Storage Temperature: 25±3°C; Humidity: <80%RH
Version 2010
PWR Pulse Withstanding Chip Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - PWR05GTRCW1000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PWR059 TI1-PWR059 Datasheet
372Kb / 13P
[Old version datasheet]   2-A to 6-A Integrated Power Solution
PWR059-001 TI1-PWR059-001 Datasheet
372Kb / 13P
[Old version datasheet]   2-A to 6-A Integrated Power Solution
PWR059-002 TI1-PWR059-002 Datasheet
372Kb / 13P
[Old version datasheet]   2-A to 6-A Integrated Power Solution
PWR059-003 TI1-PWR059-003 Datasheet
372Kb / 13P
[Old version datasheet]   2-A to 6-A Integrated Power Solution
logo
Token Electronics Indus...
PWR05DPC1A1000 TOKEN-PWR05DPC1A1000 Datasheet
1Mb / 14P
   Pulse Withstanding Chip Resistor
More results

Similar Description - PWR05GTRCW1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PWC2512 ETC1-PWC2512 Datasheet
271Kb / 6P
   Pulse Withstanding Chip Resistors
logo
Welwyn Components Limit...
PWC WELWYN-PWC Datasheet
465Kb / 4P
   Pulse Withstanding Chip Resistors
logo
List of Unclassifed Man...
MCPWR12 ETC2-MCPWR12 Datasheet
208Kb / 7P
   Pulse Withstanding Chip Resistors
logo
IRC - a TT electronics ...
PWC-PWC0805-100R-J IRCTT-PWC-PWC0805-100R-J Datasheet
580Kb / 4P
   Pulse Withstanding Chip Resistors
logo
Welwyn Components Limit...
PWC WELWYN-PWC_13 Datasheet
868Kb / 4P
   Pulse Withstanding Chip Resistors
logo
WALSIN TECHNOLOGY CORPO...
WFXXQ_S WALSIN-WFXXQ_S Datasheet
1Mb / 11P
   Thin Film Pulse Withstanding Chip Resistors
logo
Token Electronics Indus...
PWR TOKEN-PWR Datasheet
1Mb / 14P
   Pulse Withstanding Chip Resistor
logo
Riedon Powertron
PCR1206-100KJ1 RIEDON-PCR1206-100KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR1206-470KJ1 RIEDON-PCR1206-470KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR RIEDON-PCR Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com