Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRMF1005051N2K Datasheet(PDF) 8 Page - Token Electronics Industry Co., Ltd.

Part # TRMF1005051N2K
Description  TRMF Multilayer Ceramic Inductors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TRMF1005051N2K Datasheet(HTML) 8 Page - Token Electronics Industry Co., Ltd.

Back Button TRMF1005051N2K Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TRMF1005051N2K Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TRMF1005051N2K Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TRMF1005051N2K Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TRMF1005051N2K Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TRMF1005051N2K Datasheet HTML 9Page - Token Electronics Industry Co., Ltd. TRMF1005051N2K Datasheet HTML 10Page - Token Electronics Industry Co., Ltd. TRMF1005051N2K Datasheet HTML 11Page - Token Electronics Industry Co., Ltd. TRMF1005051N2K Datasheet HTML 12Page - Token Electronics Industry Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
08 of 13
TRMF Multilayer Ceramic Inductors
0
10
20
30
40
50
1
10
100
1000
10000
0
20
40
60
80
100
120
140
0
10
20
30
40
50
1
10
100
1000
10000
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
1
10
100
1000
10000
0
20
40
60
80
100
120
0
10
20
30
40
50
1
10
100
1000
10000
0
20
40
60
80
100
120
0
10
20
30
40
50
1
10
100
1000
10000
0
50
100
150
200
250
300
0
10
20
30
40
50
1
10
100
1000
10000
0
20
40
60
80
100
120
0
10
20
30
40
50
1
10
100
1000
10000
0
20
40
60
80
100
120
140
160
180
0
10
20
30
40
50
1
10
100
1000
10000
0
50
100
150
200
CL03ST1N0
CL03ST1N5
CL03ST2N2
CL03ST3N3
CL03ST3N9
CL03ST2N7
CL03ST1N8
CL03ST1N2
FREQUENCY(MHz)
FREQUENCY(MHz)
FREQUENCY(MHz)
FREQUENCY(MHz)
FREQUENCY(MHz)
FREQUENCY(MHz)
FREQUENCY(MHz)
FREQUENCY(MHz)
Q
Q
Q
Q
Q
Q
Q
Q
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TRMF1005051N2K

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TRM LITTELFUSE-TRM Datasheet
388Kb / 2P
   Time Delay Relays / DELAY-ON-MAKE
2021 Rev: 1-B-030121
logo
Richco, Inc.
TRM-1 RICHCO-TRM-1 Datasheet
184Kb / 1P
   TR/TRM Series
TRM-2 RICHCO-TRM-2 Datasheet
184Kb / 1P
   TR/TRM Series
TRM-3 RICHCO-TRM-3 Datasheet
184Kb / 1P
   TR/TRM Series
logo
Optoway Technology Inc
TRM-3002AG OPTOWAY-TRM-3002AG Datasheet
131Kb / 4P
   5V / 1310 nm / 155 Mbps RoHS Compliant Optical Multi-Mode Transceiver
More results

Similar Description - TRMF1005051N2K

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MHL1JCT KOA-MHL1JCT Datasheet
150Kb / 6P
   Multilayer Ceramic Inductors
logo
Sumida Corporation
SCI-B1608-10N SUMIDA-SCI-B1608-10N Datasheet
333Kb / 2P
   Multilayer Chip Ceramic Inductors
logo
Abracon Corporation
AIMC-0805 ABRACON-AIMC-0805 Datasheet
59Kb / 1P
   MULTILAYER CERAMIC CHIP INDUCTORS
AIMC-0603 ABRACON-AIMC-0603 Datasheet
1Mb / 2P
   MULTILAYER CHIP CERAMIC INDUCTORS
06.01.11
AIMC-0402HQ ABRACON-AIMC-0402HQ Datasheet
1Mb / 3P
   MULTILAYER CHIP CERAMIC INDUCTORS
11.27.12
logo
Sumida Corporation
SCI-B1005-10N SUMIDA-SCI-B1005-10N Datasheet
333Kb / 2P
   Multilayer Chip Ceramic Inductors
SCI-B0603-10N SUMIDA-SCI-B0603-10N Datasheet
358Kb / 2P
   Multilayer Chip Ceramic Inductors
logo
Abracon Corporation
AIMC-0201 ABRACON-AIMC-0201 Datasheet
1Mb / 2P
   MULTILAYER CHIP CERAMIC INDUCTORS
06.02.11
logo
Sumida Corporation
SCI-B2012-10N SUMIDA-SCI-B2012-10N Datasheet
357Kb / 2P
   Multilayer Chip Ceramic Inductors
logo
Abracon Corporation
AIMC-0402 ABRACON-AIMC-0402 Datasheet
60Kb / 1P
   MULTILAYER CERAMIC CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com