Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRD10R05GP Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # LRD10R05GP
Description  LRD Open Air Four-terminal Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LRD10R05GP Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  LRD10R05GP Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. LRD10R05GP Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. LRD10R05GP Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
03 of 03
How to Order
5
R005
F
LRD
LRD Open Air Four-terminal Resistors
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN
P
Characteristic Specification
R
1
3
2
4
TERMINALS 2 & 3 CURRENT TRACES.
TERMINALS 1 & 4 SENSE TRACES.
KELVIN ELECTRICAL CONNECTION
Test Items
Test Method
Specification
Operating Temperature Range
-55°C ~ 125°C
Maximum Working Voltage
(P40°C x R)1/2
Terminal Tensile Strength
50N, 10s
ΔR≤±1.0%R
Withstand Voltage
1000V, 1 Min.
No damage on the appearance.
Short Time Overload
5 times rated power, 5s
ΔR≤±4.0%R
Thermal Shock
-55°C~+125°C, 5 cycles, 30 min.
ΔR≤±5.0%R
Load Life
70°C, 1000h 1.5 hours on, 0.5 hours off. ΔR≤±5.0%R
Part Number: LRD
Rated power
Resistance Value (Ω)
Tolerance %
Code
Rated power
1
1 Watt
3
3 Watt
5
5 Watt
7
7 Watt
10
10 Watt
Code
Resistance Value (Ω)
R005
0.005Ω
R05
0.05Ω
R1
0.1Ω
Back to 1st Page - Open Air Four-terminal Resistors (LRD)
Code
Tolerance %
D
±0.5%
F
±1%
G
±2%
J
±5%
Package-Code
Code
Package-Code
P
Bulk


Similar Part No. - LRD10R05GP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LRD10 ETC2-LRD10 Datasheet
5Mb / 56P
   TeSys짰 IEC Contactors and Starters
logo
Schneider Electric
LRD10 SCHNEIDER-LRD10 Datasheet
139Kb / 4P
   TeSys LRD, thermal overload relay, 4 to 6 A, class 10A
LRD10 SCHNEIDER-LRD10 Datasheet
123Kb / 4P
   TeSys Deca, thermal overload relay, 4 to 6 A, class 10A
May 25, 2022
LRD103 SCHNEIDER-LRD103 Datasheet
145Kb / 3P
   TeSys LRD thermal overload relays - 4...6 A - class 10A
LRD103 SCHNEIDER-LRD103 Datasheet
114Kb / 3P
   TeSys Deca thermal overload relays - 4...6 A - class 10A
May 30, 2022
More results

Similar Description - LRD10R05GP

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
OAR-TP1R100JLF IRCTT-OAR-TP1R100JLF Datasheet
144Kb / 2P
   Open Air Sense Resistors
logo
Welwyn Components Limit...
OAR-1 WELWYN-OAR-1 Datasheet
95Kb / 2P
   Open Air Sense Resistors
logo
List of Unclassifed Man...
A-H ETC-A-H Datasheet
604Kb / 1P
   FOUR TERMINAL PRECISION RESISTORS
logo
TT Electronics.
CSL TTELEC-CSL Datasheet
433Kb / 2P
   Four Terminal Open Air Low Ohm Current Sense Resistor
logo
IRC - a TT electronics ...
CSLR001FU IRCTT-CSLR001FU Datasheet
172Kb / 2P
   Four Terminal Open Air Low Ohm Current Sense Resistor
logo
TT Electronics.
CSLS TTELEC-CSLS Datasheet
395Kb / 2P
   Four Terminal Open Air Low Ohm Current Sense Resistor
logo
IRC - a TT electronics ...
OAR1R100FLF IRCTT-OAR1R100FLF Datasheet
165Kb / 2P
   Open Air Current Sense Resistors
logo
Token Electronics Indus...
LRA350-009 TOKEN-LRA350-009 Datasheet
371Kb / 3P
   LRA Low Ohmic Open Air Resistors
OAR1R005FP TOKEN-OAR1R005FP Datasheet
371Kb / 3P
   OAR Open Air Current Sense Resistors
LSQ-A-3 TOKEN-LSQ-A-3 Datasheet
418Kb / 4P
   LSQ Open Air Current Sense Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com