Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSQ-A-3 Datasheet(PDF) 4 Page - Token Electronics Industry Co., Ltd.

Part # LSQ-A-3
Description  LSQ Open Air Current Sense Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

LSQ-A-3 Datasheet(HTML) 4 Page - Token Electronics Industry Co., Ltd.

  LSQ-A-3 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. LSQ-A-3 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. LSQ-A-3 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. LSQ-A-3 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
04 of 04
How to Order
15
R01
J
LSQ-A
Part Number: LSQ-A, LSQ-B, LSQ-C
Rated power
Resistance Value (Ω)
Tolerance %
Code
Rated power
3
3 Watt
5
5 Watt
7
7 Watt
10
10 Watt
15
15 Watt
Code
Resistance Value (Ω)
R01
0.01Ω
R05
0.05Ω
R1
0.1Ω
LSQ Open Air Current Sense Resistors
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN
Back to 1st Page - Kelvin Four Terminal Resistors (LSQ)
P
Code
Tolerance %
J
±5%
Package-Code
Code
Package-Code
P
Bulk
Characteristic Specification
R
1
3
2
4
TERMINALS 2 & 3 CURRENT TRACES.
TERMINALS 1 & 4 SENSE TRACES.
KELVIN ELECTRICAL CONNECTION
Test Items
Test Method
Specification
Resistance Tolerances
D(±0.5%), F(±1%), G(±2%), J(±5%)
Temperature Coefficients
±100 ppm/°C
Operating Temperature Range
-55°C~275°C
Maximum Working Voltage
(P40°C x R)1/2
Terminal Tensile Strength
50N, 10s
ΔR≤±1.0%R
Withstand Voltage
1000V, 1 Min.
No damage on the appearance.
Short Time Overload
5 times rated power, 5s
ΔR≤±4.0%R
Thermal Shock
-55°C~+275°C, 5 cycles, 30 min.
ΔR≤±5.0%R
Load Life
40°C, 1000h 1.5 hours on, 0.5 hours off. ΔR≤±5.0%R


Similar Part No. - LSQ-A-3

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
LSQ RUBYCON-LSQ Datasheet
64Kb / 2P
   LARGE CAN TYPE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Frontier Electronics.
LSQ0707A FRONTIER-LSQ0707A Datasheet
400Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ0707A-12N_ FRONTIER-LSQ0707A-12N_ Datasheet
400Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ0707A-6N2_ FRONTIER-LSQ0707A-6N2_ Datasheet
400Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
LSQ0707A-7N2_ FRONTIER-LSQ0707A-7N2_ Datasheet
400Kb / 3P
   SMD SQUARE AIR WOUND COIL SPECIFICATION
More results

Similar Description - LSQ-A-3

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
OAR1R100FLF IRCTT-OAR1R100FLF Datasheet
165Kb / 2P
   Open Air Current Sense Resistors
logo
Token Electronics Indus...
OAR1R005FP TOKEN-OAR1R005FP Datasheet
371Kb / 3P
   OAR Open Air Current Sense Resistors
logo
IRC - a TT electronics ...
OAR-TP1R100JLF IRCTT-OAR-TP1R100JLF Datasheet
144Kb / 2P
   Open Air Sense Resistors
logo
Welwyn Components Limit...
OAR-1 WELWYN-OAR-1 Datasheet
95Kb / 2P
   Open Air Sense Resistors
logo
Token Electronics Indus...
OAR1R01JP TOKEN-OAR1R01JP Datasheet
1Mb / 58P
   Chip Current Sense / Open-Air Current Shunts / Axial Current Sense Resistors
logo
Vishay Siliconix
SR1 VISHAY-SR1 Datasheet
113Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
SR5R0150FE14 VISHAY-SR5R0150FE14 Datasheet
86Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
SR VISHAY-SR Datasheet
80Kb / 3P
   Wirewound Resistors, Open Air, Current Sense, Low Value
Revision: 12-Dec-11
logo
IRC - a TT electronics ...
OARS1R005FLF IRCTT-OARS1R005FLF Datasheet
150Kb / 4P
   Open Air Sense Resistors Metal Alloy Strip
OARS-XPR005FLF IRCTT-OARS-XPR005FLF Datasheet
108Kb / 3P
   Open Air Sense Resistors Metal Alloy Strip
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com