Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRAL01JTR10N Datasheet(PDF) 6 Page - Token Electronics Industry Co., Ltd.

Part # TRAL01JTR10N
Description  TRAL Chip Thin Film Inductors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TRAL01JTR10N Datasheet(HTML) 6 Page - Token Electronics Industry Co., Ltd.

  TRAL01JTR10N Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TRAL01JTR10N Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TRAL01JTR10N Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TRAL01JTR10N Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TRAL01JTR10N Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TRAL01JTR10N Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TRAL01JTR10N Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TRAL01JTR10N Datasheet HTML 8Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
06 of 08
Version 2010
TRAL Chip Thin Film Inductors
(EIA 0603) Standard Electrical Specifications
Part No.
Inductance
(nH)
Tolerance
(% or nH)
Q
(min)
DCR
(Ω)(max)
IDC
(mA)(max)
SRF
(GHz)(min)
TRAL03*TR1N0
1.0
0.1/0.2/0.3(nH)
15 / 300MHz
0.35
800
13
TRAL03*TR1N2
1.2
0.1/0.2/0.3(nH)
15 / 300MHz
0.35
800
13
TRAL03*TR1N5
1.5
0.1/0.2/0.3(nH)
15 / 300MHz
0.35
800
10
TRAL03*TR1N8
1.8
0.1/0.2/0.3(nH)
15 / 300MHz
0.35
300
10
TRAL03*TR2N2
2.2
0.1/0.2/0.3(nH)
15 / 300MHz
0.35
300
8
TRAL03*TR2N7
2.7
0.1/0.2/0.3(nH)
15 / 300MHz
0.45
300
6
TRAL03*TR3N3
3.3
0.1/0.2/0.3(nH)
15 / 300MHz
0.45
300
6
TRAL03*TR3N9
3.9
0.1/0.2/0.3(nH)
15 / 300MHz
0.45
300
6
TRAL03*TR4N7
4.7
0.1/0.2/0.3(nH)
15 / 300MHz
0.55
300
5
TRAL03*TR5N6
5.6
0.1/0.2/0.3(nH)
15 / 300MHz
0.65
300
5
TRAL03*TR6N8
6.8
0.1/0.2/0.3(nH)
15 / 300MHz
0.75
300
5
TRAL03*TR8N2
8.2
0.1/0.2/0.3(nH)
15 / 300MHz
0.95
300
4
TRAL03*TR10N
10
1/2/3/5(%)
15 / 300MHz
0.95
300
4
TRAL03*TR12N
12
1/2/3/5(%)
15 / 300MHz
1.05
300
3
TRAL03*TR15N
15
1/2/3/5(%)
15 / 300MHz
1.35
300
3
TRAL03*TR18N
18
1/2/3/5(%)
15 / 300MHz
1.65
300
2
TRAL03*TR22N
22
1/2/3/5(%)
15 / 300MHz
1.95
250
2
TRAL03*TR27N
27
1/2/3/5(%)
15 / 300MHz
2.35
250
2
TRAL03*TR33N
33
1/2/3/5(%)
15 / 300MHz
2.75
250
1.5
TRAL03*TR39N
39
1/2/3/5(%)
15 / 300MHz
3.00
200
1.5
TRAL03*TR47N
47
1/2/3/5(%)
15 / 300MHz
3.00
200
1.5
TRAL03*TR56N
56
1/2/3/5(%)
15 / 300MHz
5.00
150
1
TRAL03*TR68N
68
1/2/3/5(%)
15 / 300MHz
5.00
150
1
TRAL03*TRR10
100
1/2/3/5(%)
15 / 300MHz
7.50
100
1
Token is capable of manufacturing the optional spec based on customer’s requirement.
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TRAL01JTR10N

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
TRA-B-24-49003P LSTD-TRA-B-24-49003P Datasheet
808Kb / 2P
   Public safety
logo
Vishay Siliconix
TRA06E VISHAY-TRA06E Datasheet
84Kb / 2P
   Thin Film, Resistor Array
Revision 05-Apr-04
TRA06E0803101BRT1 VISHAY-TRA06E0803101BRT1 Datasheet
84Kb / 2P
   Thin Film, Resistor Array
Revision 05-Apr-04
TRA06E0803101DRT1 VISHAY-TRA06E0803101DRT1 Datasheet
84Kb / 2P
   Thin Film, Resistor Array
Revision 05-Apr-04
TRA06E0803101FRT1 VISHAY-TRA06E0803101FRT1 Datasheet
84Kb / 2P
   Thin Film, Resistor Array
Revision 05-Apr-04
More results

Similar Description - TRAL01JTR10N

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CTTF0402F CT-CTTF0402F Datasheet
447Kb / 1P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB0402 VISHAY-IFCB0402 Datasheet
92Kb / 2P
   Thin Film Chip Inductors
logo
NIC-Components Corp.
NTL NIC-NTL Datasheet
170Kb / 4P
   Thin Film Chip Inductors
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402_17 Datasheet
94Kb / 2P
   Thin Film Chip Inductors
Revision: 10-Aug-06
logo
KOA Speer Electronics, ...
KL731ETTP KOA-KL731ETTP Datasheet
112Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0201F CT-CTTF0201F Datasheet
562Kb / 1P
   Thin Film Chip Inductors
logo
KOA Speer Electronics, ...
KL731JT KOA-KL731JT Datasheet
123Kb / 7P
   Thin Film Chip Inductors
KL731HT KOA-KL731HT Datasheet
130Kb / 9P
   Thin Film Chip Inductors
KL732AT KOA-KL732AT Datasheet
114Kb / 7P
   Thin Film Chip Inductors
logo
Central Technologies
CTTF0603F CT-CTTF0603F Datasheet
168Kb / 1P
   Thin Film Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com