Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PWR05DTRCA2201 Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # PWR05DTRCA2201
Description  PWR Pulse Withstanding Chip Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

PWR05DTRCA2201 Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  PWR05DTRCA2201 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. PWR05DTRCA2201 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. PWR05DTRCA2201 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. PWR05DTRCA2201 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. PWR05DTRCA2201 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. PWR05DTRCA2201 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. PWR05DTRCA2201 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
03 of 07
Packaging Quantity & Reel Specifications (Unit: mm)
Codes
ΦA
ΦB
ΦC
W
T
Paper Tape
(PCS)
Emboss Plastic
Tape (PCS)
PWR05 (0805)
178.0±1.0
60.0±1.0
13.5±0.7
9.5±1.0
11.5±1.0
5,000
-
PWR06 (1206)
178.0±1.0
60.0±1.0
13.5±0.7
9.5±1.0
11.5±1.0
5,000
-
PWR10 (2010)
178.0±1.0
60.0±1.0
13.5±0.7
13.5±1.0
15.5±1.0
-
4,000
PWR12 (2512)
178.0±1.0
60.0±1.0
13.5±0.7
13.5±1.0
15.5±1.0
-
4,000
T
Φ C
W
Emboss Plastic Tape Specifications (Unit: mm)
Top Tape
Resistor
Emboss Tape
A
B
Φ D0
P1 P2 P0
F
E
W
direction of unreeling
Φ D1=1.5min
t
Codes
A±0.10 B±0.10 W±0.10 E±0.10 F±0.05 P0±0.05 P1±0.10 P2±0.05 ΦD0+0.10 T±0.20
PWR10
(2010)
2.85
5.45
12.0
1.75
5.5
4.00
4.00
2.00
1.50
1.00
PWR12
(2512)
3.40
6.65
12.0
1.75
5.5
4.00
4.00
2.00
1.50
1.00
Version 2010
PWR Pulse Withstanding Chip Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - PWR05DTRCA2201

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
PWR05DTRCA2201 TOKEN-PWR05DTRCA2201 Datasheet
1Mb / 14P
   Pulse Withstanding Chip Resistor
More results

Similar Description - PWR05DTRCA2201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PWC2512 ETC1-PWC2512 Datasheet
271Kb / 6P
   Pulse Withstanding Chip Resistors
logo
Welwyn Components Limit...
PWC WELWYN-PWC Datasheet
465Kb / 4P
   Pulse Withstanding Chip Resistors
logo
List of Unclassifed Man...
MCPWR12 ETC2-MCPWR12 Datasheet
208Kb / 7P
   Pulse Withstanding Chip Resistors
logo
IRC - a TT electronics ...
PWC-PWC0805-100R-J IRCTT-PWC-PWC0805-100R-J Datasheet
580Kb / 4P
   Pulse Withstanding Chip Resistors
logo
Welwyn Components Limit...
PWC WELWYN-PWC_13 Datasheet
868Kb / 4P
   Pulse Withstanding Chip Resistors
logo
WALSIN TECHNOLOGY CORPO...
WFXXQ_S WALSIN-WFXXQ_S Datasheet
1Mb / 11P
   Thin Film Pulse Withstanding Chip Resistors
logo
Token Electronics Indus...
PWR TOKEN-PWR Datasheet
1Mb / 14P
   Pulse Withstanding Chip Resistor
logo
Riedon Powertron
PCR1206-100KJ1 RIEDON-PCR1206-100KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR1206-470KJ1 RIEDON-PCR1206-470KJ1 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR RIEDON-PCR Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com