Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZTB456F33 Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # ZTB456F33
Description  ZTB 456/500/503/912F RESONATORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

ZTB456F33 Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  ZTB456F33 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. ZTB456F33 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. ZTB456F33 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
02 of 03
ZTB 456/500/503/912F RESONATORS
Type
ZTB 456 / 500 / 503F
ZTB 912F
W (width)
7.0
5.0
T (thickness)
3.5
2.2
H (height)
9.0
6.0
S (lead space)
5.0
2.5
L (lead length)
4.0
4.0
W
T
H
L
S
ZTB
456F16
Part Number
Frequency Accuracy
Applicable IC
ZTB456F11
19.000 kHz ± 38 Hz
LA3430
SANYO
ZTB456F15
19.000 kHz ± 38 Hz
LA1832
SANYO
ZTB456F16
19.000 kHz ± 38 Hz
TA8122AN
TOSHIBA
ZTB456F18
19.000 kHz ± 38 Hz
TA8132N
TOSHIBA
ZTB456F33
456 kHz ± 2 Hz
LA2232
SANYO
ZTB480E14
480+0.2%, -0.4%
TC31018P
TOSHIBA
ZTB500F2
500.0 kHz ± 2 kHz
µPC1401C
NEC
ZTB500F9
500.0 kHz ± 2 kHz
M51308SP
MITSUBISH
ZTB500F25
15.680 kHz ± 0.4%
LA7680
SANYO
ZTB500F40
15.680 kHz ± 0.4%
TA8691N
TOSHIBA
ZTB503F2
503.5 kHz ±2 kHz
µPC1401C
NEC
ZTB503F5
504.5 kHz ± 2 kHz
LA7620
SANYO
ZTB503F10
15.734 kHz ± 0.5%
TA7777P
TOSHIBA
ZTB503F12
503.5 kHz ± 2 kHz
LDA3586N
THOMSON
ZTB503F15
505.1 kHz ± 2 kHz
LA7650
SANYO
ZTB503F30
503.5 kHz ± 1.5 kHz
TA8654AN
TOSHIBA
ZTB503F38
15.734 kHz ± 62 kHz
AN5302
MATSUSHITA
ZTB912F
923.0 kHz ± 0.3%
LA1780
SANYO
ZTB912F101
918.5 kHz ± 0.3%
AN7291
MATSUSHITA
ZTB912F104
925.0 kHz ± 0.3%
LA1867NM
SANYO
Dimensions (Unit: mm Tolerance: ±0.3mm)
Technical Characteristics
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - ZTB456F33

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
ZTB456F EUROQUARTZ-ZTB456F Datasheet
29Kb / 1P
   CERAMIC RESONATORS
ZTB456F11 EUROQUARTZ-ZTB456F11 Datasheet
29Kb / 1P
   CERAMIC RESONATORS
ZTB456F14 EUROQUARTZ-ZTB456F14 Datasheet
29Kb / 1P
   CERAMIC RESONATORS
ZTB456F15 EUROQUARTZ-ZTB456F15 Datasheet
29Kb / 1P
   CERAMIC RESONATORS
ZTB456F16 EUROQUARTZ-ZTB456F16 Datasheet
29Kb / 1P
   CERAMIC RESONATORS
More results

Similar Description - ZTB456F33

ManufacturerPart #DatasheetDescription
logo
Varitronix internationa...
VIM-503 VARITRONIX-VIM-503 Datasheet
28Kb / 1P
   VIM-503
logo
TriQuint Semiconductor
857271 TRIQUINT-857271_15 Datasheet
766Kb / 6P
   456 MHz SAW Filter
logo
Varitronix internationa...
VIM-503-DP VARITRONIX-VIM-503-DP Datasheet
34Kb / 1P
   VIM-503-DP
logo
TriQuint Semiconductor
856638 TRIQUINT-856638_15 Datasheet
385Kb / 6P
   456 MHz SAW Filter
856687 TRIQUINT-856687_15 Datasheet
1Mb / 9P
   456 MHz SAW Filter
856672 TRIQUINT-856672_15 Datasheet
442Kb / 6P
   456 MHz SAW Filter
logo
Varitronix internationa...
VI-503-DP VARITRONIX-VI-503-DP Datasheet
37Kb / 1P
   VI-503-DP
logo
TAI-SAW TECHNOLOGY CO.,...
TA1908A TAI-SAW-TA1908A Datasheet
352Kb / 6P
   SAW Filter 503 MHz
logo
Adels-Contact
1702G2 ADELS-1702G2 Datasheet
118Kb / 2P
   503 Si/ 2 GW
1702G3 ADELS-1702G3 Datasheet
119Kb / 2P
   503 Si/ 3 GW
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com