Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMC5WA5K1M Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # RMC5WA5K1M
Description  RMCA, RMCB Ceramic Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RMC5WA5K1M Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  RMC5WA5K1M Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RMC5WA5K1M Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RMC5WA5K1M Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
How to Order
2W
a
510R
RMC
M
03 of 03
Part Number: RMC
Rated Power (W): 1W, 2W, 3W, 5W
Style: a Style, b Style
Resistance Value (Ω)
Code
Resistance Value (Ω)
510R
510Ω
5K1
5.1KΩ
51K
51KΩ
68K
68KΩ
Resistance Tolerance
Code
Resistance Tolerance
K
±10%
M
±20%
Version 2010
RMCA, RMCB Ceramic Resistors
Back to 1st Page - Ceramic Resistors (RMCA, RMCB)
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - RMC5WA5K1M

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RMC5WA5K1M TOKEN-RMC5WA5K1M Datasheet
400Kb / 5P
   Bulk Ceramic Composition Resistors
More results

Similar Description - RMC5WA5K1M

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
CCR WELWYN-CCR Datasheet
83Kb / 4P
   Carbon Ceramic Resistors
logo
Willow Technologies Ltd
UW-2 WILLOW-UW-2 Datasheet
347Kb / 2P
   Ceramic Wirewound Resistors
logo
Riedon Powertron
UV-2 RIEDON-UV-2 Datasheet
290Kb / 2P
   Ceramic Wirewound Resistors
UW-2 RIEDON-UW-2 Datasheet
272Kb / 2P
   Ceramic Wirewound Resistors
logo
IRC - a TT electronics ...
WBA-T0303GG-01-1002-KJ IRCTT-WBA-T0303GG-01-1002-KJ Datasheet
507Kb / 3P
   Wire Bondable Ceramic Resistors
logo
KOA Speer Electronics, ...
PCF1C KOA-PCF1C Datasheet
93Kb / 6P
   Fixed Ceramic Composition Resistors
logo
TT Electronics.
SQP TTELEC-SQP_18 Datasheet
338Kb / 3P
   Ceramic Case Resistors-Wirewound
logo
Token Electronics Indus...
RMC TOKEN-RMC Datasheet
400Kb / 5P
   Bulk Ceramic Composition Resistors
logo
List of Unclassifed Man...
RQB05 ETC-RQB05 Datasheet
711Kb / 2P
   Ceramic Encased Wire Wound Resistors
RQL10 ETC-RQL10 Datasheet
619Kb / 2P
   Ceramic Encased Wire Wound Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com