Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZTT16.93MXTR Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # ZTT16.93MXTR
Description  ZTT MHZ Ceramic Resonators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

ZTT16.93MXTR Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  ZTT16.93MXTR Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. ZTT16.93MXTR Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. ZTT16.93MXTR Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
02 of 03
ZTT MHZ Ceramic Resonators
* MG: 8.0max
MT: 10.0max
MX: 13.01~60.00MHz,10.0max
12.00~13.00MHz,12.0max
Input
Ground
Output
10.0max
5.0max
0.5±0.1
0.3±0.1
2.5±0.3
2.5±0.3
ZTT
16.93MX
10.0max
4.0max
0.5±0.1
0.25±0.1
2.5±0.3
2.5±0.3
3.58
ZTTLS/ZTTWS
Φ0.48±0.05
2.5±0.3
2.5±0.3
3.0±1.0
5.5±0.5
4.19
ZTTRS
Dimensions
Part
Numbe
Frequency
Range (MHz)
Frequency Accuracy
(at 25°C) (%)
Stability in
Temperature
(-20°C ~ +80°C) (%)
Operating
Temperature
(°C)
Aging For
Ten Years
(%)
ZTT***MG
1.79 ~ 6.00
±0.5
±0.3
-20 ~ +80
±0.3
ZTTWS***MG
1.79 ~ 6.00
±0.5
±0.3
-20 ~ +80
±0.3
ZTTLS***MG
3.00 ~ 8.00
±0.5
±0.3
-20 ~ +80
±0.3
ZTTRS***MG
3.00 ~ 10.00
±0.5
±0.3
-20 ~ +80
±0.3
ZTT***MT
6.00 ~ 13.00
±0.5
±0.3
-20 ~ +80
±0.3
ZTT***MX
12.00 ~ 60.00
±0.5
±0.3
-20 ~ +80
±0.3
Technical Characteristics
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - ZTT16.93MXTR

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
ZTT16.00MX TGS-ZTT16.00MX Datasheet
198Kb / 5P
   CERAMIC RESONATOR
ZTT16.0MX TGS-ZTT16.0MX Datasheet
198Kb / 5P
   CERAMIC RESONATOR
More results

Similar Description - ZTT16.93MXTR

ManufacturerPart #DatasheetDescription
logo
PETERMANN-TECHNIK
ZTT-MT PETERMANN-ZTT-MT Datasheet
803Kb / 3P
   THT ZTT SERIES CERAMIC RESONATORS
logo
Murata Manufacturing Co...
CSTCE16M0V53 MURATA-CSTCE16M0V53 Datasheet
33Kb / 1P
   CERALOCKr (MHz) Ceramic Resonators
logo
Token Electronics Indus...
ZTA8.00MTP TOKEN-ZTA8.00MTP Datasheet
697Kb / 29P
   MHz/KHz Type Ceramic Resonators
logo
AiT Semiconductor Inc.
ZTT AITSEMI-ZTT Datasheet
187Kb / 1P
   CERAMIC RESONATOR ZTT/ZTTCx
logo
Kyocera Kinseki Corpota...
PBRC-G KSS-PBRC-G Datasheet
110Kb / 2P
   MHz Band Ceramic Chip Resonators (SMD)
logo
Abracon Corporation
ASCR ABRACON-ASCR Datasheet
376Kb / 2P
   HIGH FREQUENCY MHZ SMD CERAMIC RESONATORS
07.05.07
logo
KEC(Korea Electronics)
PBRV-H KEC-PBRV-H Datasheet
107Kb / 2P
   MHz Band Ceramic Chip Resonators (SMD)
logo
EUROQUARTZ limited
ZTB456F EUROQUARTZ-ZTB456F Datasheet
29Kb / 1P
   CERAMIC RESONATORS
ZTT2MG EUROQUARTZ-ZTT2MG Datasheet
60Kb / 1P
   CERAMIC RESONATORS
logo
Raltron Electronics Cor...
POI RALTRON-POI Datasheet
91Kb / 1P
   CERAMIC RESONATORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com