Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCS10JPDSR100 Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # TCS10JPDSR100
Description  TCS Current Sense Chip Resistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TCS10JPDSR100 Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  TCS10JPDSR100 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TCS10JPDSR100 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TCS10JPDSR100 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TCS10JPDSR100 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TCS10JPDSR100 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
02 of 05
Dimensions (Unit: mm)
Standard Electrical Specifications
Marking
Sn Plating
Thin Film Ni/cr Conductor
Ni Plating
Overcoat
Alumina Ceramic Substrate
Resistive Element
W
L
D1
D1
D2
D2
T
Type
L
W
T
D1
D2
TCS02
1.00±0.05
0.50±0.05
0.32±0.10
0.25±0.10
0.20±0.10
TCS03
1.60±0.10
0.80±0.10
0.45±0.10
0.30±0.20
0.30±0.20
TCS05
2.00±0.15
1.25±0.15
0.55±0.10
0.30±0.20
0.40±0.25
TCS06
3.05±0.15
1.55±0.15
0.55±0.10
0.50±0.30
0.40±0.25
TCS10
5.00±0.20
2.45±0.15
0.60±0.15
0.60±0.30
0.50±0.25
TCS12
6.35±0.20
3.15±0.15
0.60±0.10
0.60±0.30
0.55±0.25
Type
Power Rating
at 70°C
Operating
Temp. Range
Resistance
Tolerance
Resistance
Range
TCR
(PPM/°C)
TCS02 (0402)
1/16W
-55 ~ +155°C
±0.5%
±1.0%
500mΩ~999mΩ
±100
±50
TCS03 (0603)
1/10W
±0.5%
±1.0%
200mΩ~300mΩ
301mΩ~999mΩ
±100
±50
TCS05 (0805)
1/8W
TCS06 (1206)
1/4W
±1.0%
50mΩ~100mΩ
±200
±100
±50
TCS10 (2010)
3/4W
±0.5%
±1.0%
101mΩ~300mΩ
301mΩ~999mΩ
TCS12 (2512)
1W
±0.5%
±1.0%
50mΩ~100mΩ
101mΩ~300mΩ
301mΩ~999mΩ
±200
±100
±50
Note: Token has the ability to manufacture following options based on customer’s requirement.
High Power Rating Electrical Specifications
Type
Power Rating
at 70°C
Operating
Temp. Range
Resistance
Tolerance
Resistance
Range
TCR
(PPM/°C)
TCS12 (2512)
3W
-55 ~ +155°C
±1.0%
100mΩ~1Ω
±100
TCS Current Sense Chip Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw
Version 2010


Similar Part No. - TCS10JPDSR100

ManufacturerPart #DatasheetDescription
logo
Integrated Technology F...
TCS100T ITF-TCS100T Datasheet
101Kb / 1P
   ROHS compliant
logo
Toshiba Semiconductor
TCS10DLU TOSHIBA-TCS10DLU Datasheet
114Kb / 6P
   Digital-Output Magnetic Sensor
TCS10DLU TOSHIBA-TCS10DLU_14 Datasheet
184Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
logo
Token Electronics Indus...
TCS10DPDR1R00N TOKEN-TCS10DPDR1R00N Datasheet
856Kb / 10P
   Chip Current Sensing Precision Resistor
TCS10DPDRR010N TOKEN-TCS10DPDRR010N Datasheet
856Kb / 10P
   Chip Current Sensing Precision Resistor
More results

Similar Description - TCS10JPDSR100

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
   CURRENT SENSE - Molded Current Sense Resistors
logo
Bourns Electronic Solut...
PWR4413 BOURNS-PWR4413 Datasheet
104Kb / 1P
   Current Sense Resistors
logo
American Accurate Compo...
CTL05R015FJM AAC-CTL05R015FJM Datasheet
222Kb / 2P
   CURRENT SENSE RESISTORS
logo
Bourns Electronic Solut...
PWR4413DR050J BOURNS-PWR4413DR050J Datasheet
104Kb / 1P
   Current Sense Resistors
logo
Token Electronics Indus...
OAR1R01JP TOKEN-OAR1R01JP Datasheet
1Mb / 58P
   Chip Current Sense / Open-Air Current Shunts / Axial Current Sense Resistors
logo
Bourns Electronic Solut...
CRG2512 BOURNS-CRG2512 Datasheet
746Kb / 3P
   Metal Strip Current Sense Chip Resistors
08/22
logo
IRC - a TT electronics ...
LVC-LVC0402LF-R020-F IRCTT-LVC-LVC0402LF-R020-F Datasheet
247Kb / 4P
   Miniature Current Sense Surface Mount Chip Resistors
logo
List of Unclassifed Man...
SR10 ETC2-SR10 Datasheet
327Kb / 1P
   Precision Current Sense Resistors
logo
Ohmite Mfg. Co.
TGHG OHMITE-TGHG Datasheet
345Kb / 2P
   Precision Current Sense Resistors
TGHGCR0005FE OHMITE-TGHGCR0005FE Datasheet
106Kb / 1P
   Precision Current Sense Resistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com