Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS01GTRES1R00N Datasheet(PDF) 6 Page - Token Electronics Industry Co., Ltd.

Part # CS01GTRES1R00N
Description  CS Current Detecting Chip Resistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

CS01GTRES1R00N Datasheet(HTML) 6 Page - Token Electronics Industry Co., Ltd.

  CS01GTRES1R00N Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. CS01GTRES1R00N Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. CS01GTRES1R00N Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. CS01GTRES1R00N Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. CS01GTRES1R00N Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. CS01GTRES1R00N Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. CS01GTRES1R00N Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. CS01GTRES1R00N Datasheet HTML 8Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Except For CS12: High Power Rating Series Recommend Land Pattern
06 of 08
For CS12 High Power Rating Series Recommend Land Pattern
B
A
C
Codes
A
B
C
CS01
0.25
0.30
0.40±0.2
CS02
0.50
0.50
0.60±0.2
CS03
0.80
1.00
0.90±0.2
CS05
1.00
1.00
1.35±0.2
CS06
2.00
1.15
1.70±0.2
CS13
2.00
1.15
2.50±0.2
CS10
3.60
1.40
2.50±0.2
CS12
4.90
1.60
3.10±0.2
CS25
2.00
2.00
6.40±0.2
CS37
1.00
1.80
3.90±0.2
CS75
1.00
1.80
7.60±0.2
Codes
Resistance Range
A
B
C
CS12
10~99mΩ
4.90
1.60
3.10±0.2
CS12
100~1000mΩ
1.00
3.55
3.10±0.2
CS Current Detecting Chip Resistors
TOKEN
Version 2010
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - CS01GTRES1R00N

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
CS01 ICE-CS01 Datasheet
403Kb / 2P
   Common Mode Choke
CS01 ICE-CS01 Datasheet
281Kb / 2P
   Common Mode Choke
logo
List of Unclassifed Man...
CS01 ETC-CS01 Datasheet
1Mb / 3P
   CURRENT SENSING CHIP RESISTROS
logo
ice Components, Ins.
CS01-100 ICE-CS01-100 Datasheet
403Kb / 2P
   Common Mode Choke
CS01-100 ICE-CS01-100 Datasheet
281Kb / 2P
   Common Mode Choke
More results

Similar Description - CS01GTRES1R00N

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
TSL1TTE KOA-TSL1TTE Datasheet
98Kb / 6P
   Current Detecting Chip Resistors
BPR KOA-BPR Datasheet
378Kb / 2P
   Power type current detecting resistors
logo
HOKURIKU ELECTRIC INDUS...
E0119AA HOKURIKU-E0119AA Datasheet
44Kb / 1P
   Current Detecting Plate Chip Resistor
logo
KOA Speer Electronics, ...
SL2TTE KOA-SL2TTE Datasheet
177Kb / 6P
   Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSR NIC-NCSR Datasheet
484Kb / 5P
   Current Sensing Chip Resistors
logo
List of Unclassifed Man...
TS-16949 ETC2-TS-16949 Datasheet
613Kb / 6P
   Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSS NIC-NCSS Datasheet
92Kb / 6P
   Current Sensing Chip Resistors
logo
Bourns Electronic Solut...
CRF0805 BOURNS-CRF0805 Datasheet
265Kb / 1P
   Current Sensing Chip Resistors
logo
NIC-Components Corp.
NCSP NIC-NCSP Datasheet
119Kb / 2P
   Current Sensing Chip Resistors
NCST NIC-NCST Datasheet
176Kb / 6P
   Current Sensing Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com